Electronic Components Datasheet Search
  English  ▼

X  

MAX1513 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1513
Description  fully assembled and tested surface-mount circuit board Evaluation Kit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1513 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1513 Datasheet HTML 1Page - Maxim Integrated Products MAX1513 Datasheet HTML 2Page - Maxim Integrated Products MAX1513 Datasheet HTML 3Page - Maxim Integrated Products MAX1513 Datasheet HTML 4Page - Maxim Integrated Products MAX1513 Datasheet HTML 5Page - Maxim Integrated Products MAX1513 Datasheet HTML 6Page - Maxim Integrated Products MAX1513 Datasheet HTML 7Page - Maxim Integrated Products MAX1513 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MAX1513 Evaluation Kit
2
_______________________________________________________________________________________
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
C16
1
0.22µF ±10%, 10V X5R ceramic
capacitor (0603)
TDK C1608X5R1A224K
C22
1
100µF ±20%, 16V aluminum
electrolytic capacitor (6.3mm x 5mm)
Sanyo 16MV100UAX
D1
1
1.0A, 30V Schottky diode (S-flat)
Nihon EP10QY03 (top mark Y9k) or
Toshiba CRS02 (top mark S2)
D2, D3, D4
3
200mA, 100V dual diodes (SOT23)
Fairchild MMBT4148SE (top mark D4)
or Central Semiconductor CMPD7000
(top mark C5C)
D5
0
Not installed, diode (SOT23)
JU1
1
2-pin header
JU2
0
Not installed, 2-pin header (shorted
by PC trace)
JU3
0
Not installed, 3-pin header
JU4
0
Not installed, 3-pin header (pins 1
and 2 are shorted by PC trace)
JU5
1
3-pin header
L1
1
2.2µH, 3.3A power inductor
Sumida CLS7D16-2R2NC
N1
1
3A, 20V n-channel MOSFET (SOT23)
Fairchild FDN339AN (top mark 339)
Q1
1
3A, 60V pnp bipolar transistor
(SOT-223)
Fairchild NZT660
DESIGNATION
QTY
DESCRIPTION
Q2, Q3
2
200mA, 40V pnp bipolar transistors
(SOT23)
Fairchild MMBT3906 (top mark 2A) or
Central Semiconductor CMPT3906
(top mark C2A)
Q4, Q5
2
200mA, 40V npn bipolar transistors
(SOT23)
Fairchild MMBT3904 (top mark 1A) or
Central Semiconductor CMPT3904
(top mark C14)
R1
1
110k
Ω ± 1% resistor (0603)
R2, R6, R8, R10
4
10k
Ω± 1% resistors (0603)
R3
1
249k
Ω ±1% resistor (0603)
R4
1
24.3k
Ω ±1% resistor (0603)
R5
1
191k
Ω ±1% resistor (0603)
R7
1
107k
Ω ±1% resistor (0603)
R9
1
16.5k
Ω ±1% resistor (0603)
R11
1
120k
Ω ±5% resistor (0603)
R12, R23
2
100k
Ω ±5% resistors (0603)
R13
1
10
Ω ±5% resistor (0603)
R14, R20
0
Not installed, resistors (0603)
R15
1
680
Ω ±5% resistor (0603)
R16
1
1.5k
Ω ±5% resistor (0603)
R17
1
3.6k
Ω ±5% resistor (0603)
R18
1
6.80k
Ω ±5% resistor (0603)
R19
1
909
Ω ±1% resistor (0603)
R21
1
182k
Ω ±1% resistor (0603)
R22
1
1M
Ω ±1% resistor (0603)
None
2
Shunts
None
1
MAX1513 PC board
U1
1
MAX1513ETJ (4mm x 4mm 20-pin
thin QFN)
SUPPLIER
PHONE
FAX
WEBSITE
Central Semiconductor
631-435-1110
631-435-1824
www.centralsemi.com
Fairchild
888-522-5372
—
www.fairchildsemi.com
Sanyo
619-661-6322
619-661-1055
www.sanyovideo.com
Sumida
847-545-6700
847-545-6720
www.sumida.com
TDK
847-803-6100
847-390-4405
www.component.tdk.com
Toshiba
949-455-2000
949-859-3963
www.toshiba.com/taec
Component Suppliers
Note: Indicate that you are using the MAX1513 when contacting these component suppliers.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com