Electronic Components Datasheet Search
  English  ▼

X  

ABC400-1012G Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # ABC400-1012G
Description  Universal AC Input Voltage Range: 90-264 VAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC400-1012G Datasheet(HTML) 7 Page - Bel Fuse Inc.

Back Button ABC400-1012G Datasheet HTML 3Page - Bel Fuse Inc. ABC400-1012G Datasheet HTML 4Page - Bel Fuse Inc. ABC400-1012G Datasheet HTML 5Page - Bel Fuse Inc. ABC400-1012G Datasheet HTML 6Page - Bel Fuse Inc. ABC400-1012G Datasheet HTML 7Page - Bel Fuse Inc. ABC400-1012G Datasheet HTML 8Page - Bel Fuse Inc. ABC400-1012G Datasheet HTML 9Page - Bel Fuse Inc. ABC400-1012G Datasheet HTML 10Page - Bel Fuse Inc. ABC400-1012G Datasheet HTML 11Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ABC400 Series
7
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2020 Bel Power Solutions & Protection
BCD.00186_AE
Figure 11: AC drop out 30ms (500 ms/div), Vo restart
CH1: Vo (10 V/div)
CH2: Vin (200 V/div)
Figure 12: Vo rise time at 115VAC (20 ms/div)
CH1: Vo (10 V/div)
Figure 13: Load transient Vo (500μs/div), 8.5A <-> 17A 2A/μs
CH1: Vo (200mV/div) CH2: Io (5.0 A/div)
Figure 14: Load transient Vo (1.0ms/div), 8.5A <-> 17A, 2A/μs
CH1: Vo (200 mV/div) CH2: Io (5 A/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com