Electronic Components Datasheet Search
  English  ▼

X  

R7M Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R7M
Description  Remote I/O R7 Series MODBUS I/O MODULE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7M Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R7M Datasheet HTML 1Page - M-System Co.,Ltd. R7M Datasheet HTML 2Page - M-System Co.,Ltd. R7M Datasheet HTML 3Page - M-System Co.,Ltd. R7M Datasheet HTML 4Page - M-System Co.,Ltd. R7M Datasheet HTML 5Page - M-System Co.,Ltd. R7M Datasheet HTML 6Page - M-System Co.,Ltd. R7M Datasheet HTML 7Page - M-System Co.,Ltd. R7M Datasheet HTML 8Page - M-System Co.,Ltd. R7M Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
MODEL: R7M
R7M SPECIFICATIONS
ES-7803 Rev.26 Page 3/39
http://www.m-system.co.jp/
■ AC Power Current Consumption
R7M-RR8: Approx. 140 mA
R7M-PA8: Approx. 75 mA
■ Recommended solderless terminal
3.3 (.13) max
mm (inch)
MODBUS COMMUNICATION
Standard: Conforms to TIA/EIA-485-A
Transmission distance: 500 meters max.
Transmission media: Shielded twisted-pair cable
(CPEV-S 0.9 dia.)
■ MODBUS COMMUNICATION PARAMETERS
PARAMETER
SELECTIONS
SETTING
Data Mode
RTU (*) / ASCII
R7CON
Baud Rate
38.4 kbps (*) / 19.2 kbps /
Rotary SW
9600 bps / 4800 bps
Parity
NONE (*) / ODD / EVEN
R7CON
Bit Length
8: RTU (*) / 7: ASCII
R7CON
Stop Bit
R7CON
Node Address
1 to 99 (*00)
Rotary SW
(*) Factory setting
Baud Rate
(R7M-PA8,
DA16F, DAC16C,
DAC16D, RR8
)
115.2 kbps / 57.6 kbps
38.4 kbps(*) / 28.8 kbps
19.2 kbps / 14.4 kbps
9600 bps / 4800 bps
2400 bps / 1200 bps
Rotary SW
2 (*) / 1
STANDARDS & APPROVALS
Refer to the manuals to comply with the standards.
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
(R7M-DC8C only. Refer to the instruction manual for the
detail.)
EN 61010-1, EN 61010-2-201
Measurement Category II (output)
Pollution Degree 2
Output to power: Basic insulation (150 V)
RoHS Directive
EN 50581
Approval:
UL/C-UL nonincendive Class I, Division 2,
Groups A, B, C, and D
(ANSI/ISA-12.12.01, CAN/CSA-C22.2 No.213)
UL/C-UL general safety requirements
(UL 61010-1, CAN/CSA-C22.2 No.61010-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com