Electronic Components Datasheet Search
  English  ▼

X  

SSL1D03JD Datasheet(PDF) 2 Page - Schneider Electric

Part # SSL1D03JD
Description  Harmony, Solid state slim relay, 3.5 A, DC switching, input 3??2 V DC, output 1...24 V DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

SSL1D03JD Datasheet(HTML) 2 Page - Schneider Electric

  SSL1D03JD Datasheet HTML 1Page - Schneider Electric SSL1D03JD Datasheet HTML 2Page - Schneider Electric SSL1D03JD Datasheet HTML 3Page - Schneider Electric SSL1D03JD Datasheet HTML 4Page - Schneider Electric SSL1D03JD Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
0.1 ms (turn-off)
Overvoltage category
III
Width
0.20 in (5 mm)
Height
1.10 in (28 mm)
Depth
0.59 in (15 mm)
Net weight
0.01 lb(US) (0.0041 kg)
Environment
Flame retardance
V0 conforming to UL 94
Dielectric strength
2500 V for input/output
Pollution degree
2
Product certifications
UL
CSA
Marking
CE
Ambient air temperature for operation
-4…176 °F (-20…80 °C)
Ambient air temperature for storage
-4…185 °F (-20…85 °C)
Ordering and shipping details
Category
22375 - INTERFACE MODULE(ABA,R,S)
Discount Schedule
CP2
GTIN
03606480579646
Nbr. of units in pkg.
1
Package weight(Lbs)
0.18 oz (5 g)
Returnability
No
Country of origin
MX
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
0.28 in (0.7 cm)
Package 1 width
0.98 in (2.5 cm)
Package 1 Length
14.57 in (37 cm)
Unit Type of Package 2
BB1
Number of Units in Package 2
12
Package 2 Weight
2.19 oz (62 g)
Package 2 Height
0.28 in (0.7 cm)
Package 2 width
0.98 in (2.5 cm)
Package 2 Length
14.57 in (37 cm)
Unit Type of Package 3
S01
Number of Units in Package 3
1080
Package 3 Weight
12.93 lb(US) (5.864 kg)
Package 3 Height
5.91 in (15 cm)
Package 3 width
5.91 in (15 cm)
Package 3 Length
15.75 in (40 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which
is known to the State of California to cause cancer and birth defects or other reproductive harm. For
more information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Mercury free
Yes
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com