Electronic Components Datasheet Search
  English  ▼

X  

SSL1D101BDPR Datasheet(PDF) 3 Page - Schneider Electric

Part # SSL1D101BDPR
Description  Harmony, Solid state relay pre assembled, 0.1 A, DC switching, spring sockets, input 16??0 V DC, output 1??8 V DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

SSL1D101BDPR Datasheet(HTML) 3 Page - Schneider Electric

  SSL1D101BDPR Datasheet HTML 1Page - Schneider Electric SSL1D101BDPR Datasheet HTML 2Page - Schneider Electric SSL1D101BDPR Datasheet HTML 3Page - Schneider Electric SSL1D101BDPR Datasheet HTML 4Page - Schneider Electric SSL1D101BDPR Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
Contractual warranty
Warranty
18 Months
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com