Electronic Components Datasheet Search
  English  ▼

X  

MK3715STR Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK3715STR
Description  LOW COST 3.3 VOLT VCXO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3715STR Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK3715STR Datasheet HTML 1Page - Integrated Circuit Systems MK3715STR Datasheet HTML 2Page - Integrated Circuit Systems MK3715STR Datasheet HTML 3Page - Integrated Circuit Systems MK3715STR Datasheet HTML 4Page - Integrated Circuit Systems MK3715STR Datasheet HTML 5Page - Integrated Circuit Systems MK3715STR Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MDS 3715 B
1
Revision 021804
Integrat ed Circuit Systems ● 525 Race Stre et, San Jo se, CA 9 5126 ● te l (40 8 ) 2 97-12 01 ● www.ics t.co m
LOW COST 3.3 VOLT VCXO
MK3715
Description
The MK3715 is a low cost, low jitter, high-performance
3.3 volt VCXO designed to replace expensive VCXO
modules. The on-chip Voltage Controlled Crystal
Oscillator accepts a 0 to 3.3 V input voltage to cause
the output clocks to vary by ±100 ppm. Using ICS’
patented VCXO techniques, the device uses an
inexpensive external 13.5 MHz pullable crystal to
produce two fixed clock outputs of 54.0 MHz and 108.0
MHz.
ICS manufactures a large variety of Set-Top Box and
multimedia clock synthesizers for all applications. If
more clock outputs are needed, see the MK2731 or
MK377x family of parts. Consult ICS to eliminate
VCXOs, crystals and oscillators from your board.
Features
• Packaged in 8 pin SOIC
• 3.3 V only operating voltage
• Provides two fixed clock outputs of 54.0 MHzand
108.0 MHz
• Uses an inexpensive pullable 13.5 MHz
externalcrystal
• On-chip VCXO (patented) with pull range of200ppm
(minimum)
• VCXO tuning voltage of 0 to 3.3 V
• 12mA output drive capability at TTL levels
• Advanced, low power, sub-micron CMOS process
Block Diagram
X1
X2
Voltage
Controlled
Crystal
Oscillator
VIN
13.5 MHz
Pullable
Crystal
54.0 MHz
108.0 MHz
PLL and
Multiplier


Similar Part No. - MK3715STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3711 ICST-MK3711 Datasheet
80Kb / 6P
LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
Revision 070301
logo
Renesas Technology Corp
MK3711 RENESAS-MK3711 Datasheet
330Kb / 8P
LOW COST 8 TO 16 MHZ 3.3 VOLT VCXO
051310
logo
Integrated Circuit Syst...
MK3711A ICST-MK3711A Datasheet
80Kb / 6P
LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
Revision 070301
MK3711ATR ICST-MK3711ATR Datasheet
80Kb / 6P
LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
Revision 070301
MK3711B ICST-MK3711B Datasheet
80Kb / 6P
LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
Revision 070301
More results

Similar Description - MK3715STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3711 ICST-MK3711 Datasheet
80Kb / 6P
LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
Revision 070301
MK3713 ICST-MK3713 Datasheet
56Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 020900
MK3721 ICST-MK3721 Datasheet
58Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
MK3723 ICST-MK3723 Datasheet
59Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
MK3727 ICST-MK3727 Datasheet
79Kb / 6P
LOW COST 24 - 36 MHZ 3.3 VOLT VCXO
Revision 052901
MK3754 ICST-MK3754 Datasheet
59Kb / 4P
Low Cost 54 MHz 3.3 Volt VCXO
Revision 060100
ICS728 ICST-ICS728 Datasheet
136Kb / 8P
LOW COST 27 MHZ 3.3 VOLT VCXO
Revision 012505
ICS722 ICST-ICS722 Datasheet
129Kb / 6P
LOW COST 27 MHZ 3.3 VOLT VCXO
ICS3727XP ICST-ICS3727XP Datasheet
132Kb / 7P
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
Revision 102004
logo
Renesas Technology Corp
MK3754 RENESAS-MK3754 Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com