Electronic Components Datasheet Search
  English  ▼

X  

VSC880TY Datasheet(PDF) 15 Page - Vitesse Semiconductor Corporation

Part # VSC880TY
Description  High Performance 16x16 Serial Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC880TY Datasheet(HTML) 15 Page - Vitesse Semiconductor Corporation

Back Button VSC880TY Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 19Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC880
High Performance 16x16
Serial Crosspoint Switch
G52191-0, Rev 4.2
Page 15
01/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Where:
B[1:0]00=Undefined,
01=Flow control channel,
10=Flow control channel,
11=Acknowledge
BRK1=This is the CRQ word for the next packet. This bit is used to break the current connection.
M[0:15]Current outputs the transmitting channel is connected to
D[3:0] User defined data sent by transmitting port card
2.3 Receiver Operation
In Packet Mode, the receiver looks for connection request (CRQ) words from the transceiver. All data words and
IDLE words are passed on directly to the switch matrix. If BRK is HIGH, the current connection will be broken
before processing the new connection request word. When BRK is LOW, the switch does not break current
connections when making a new request. When AOA is HIGH, the switch will send an ACK only if the current
switch connections match the C[0:15] bit field. When AOA is LOW, an ACK is sent back to the transceiver when any
connection in the C[0:15] bit field is granted. In both cases, a response word is also returned to the transceiver from
the switch. The response word can be embedded into an IDLE word or CRQ word that is sent back to the transceiver.
If the transceiver makes a CRQ that requires a response (i.e., a multicast CRQ), the switch uses the flow control
channel to force an IDLE word into the receiving data stream by forcing the internal ready to receive (RTR) signal
low for one word clock (see the VSC870 data sheet).
The bit field C[0:15] is used to designate the output channels that are to be acted upon for a connection request
operation. To request an output to connect to, set the corresponding bit HIGH. Multiple bits can be set HIGH at the
same time for multicast. The sending port card can include 4 bits of data (D[3:0]) in the CRQ word that will be passed
on to the destination port card. Two example word sequences from the transceiver on the serial interface are shown in
the Figure 7. The two overhead bits (BB) are used for signaling on data words (see the VSC870 date sheet).
33 32
31 30 29 28 27 26 25
24
23 22 21 20
19 18 17 16
15 14 13 12
11 10 09 08
07 06 05 04
03 02 01 00
0 0
0 B B 1 0 1 0
1 0
B
R
M M M M
00 01 02 03
M M M M
04 05 06 07
M M M M
08 09 10 11
M M M M
12 13 14 15
D D D D
03 02 01 00
1 0 1 0
K
------ Active Connections ------
--Data--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com