Electronic Components Datasheet Search
  English  ▼

X  

MAX5099 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5099
Description  Load-Dump Protection Circuit Withstands Input Transients Up to 80V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5099 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5099 Datasheet HTML 1Page - Maxim Integrated Products MAX5099 Datasheet HTML 2Page - Maxim Integrated Products MAX5099 Datasheet HTML 3Page - Maxim Integrated Products MAX5099 Datasheet HTML 4Page - Maxim Integrated Products MAX5099 Datasheet HTML 5Page - Maxim Integrated Products MAX5099 Datasheet HTML 6Page - Maxim Integrated Products MAX5099 Datasheet HTML 7Page - Maxim Integrated Products MAX5099 Datasheet HTML 8Page - Maxim Integrated Products MAX5099 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MAX5099 Evaluation Kit
2
_______________________________________________________________________________________
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
C19
1
1µF ±10%, 25V X5R ceramic
capacitor (0603)
Murata GRM188R61E105K
C20
1
33pF ±5%, 50V C0G ceramic
capacitor (0603)
Murata GRM1885C1H330J
C21
1
56pF ±5%, 50V C0G ceramic
capacitor (0603)
Murata GRM1885C1H560J
C26
0
Not installed, capacitor (0805)
C27, C28
0
Not installed, capacitors (Size F or
8mm x 10.2mm)
D1, D4
2
200mA, 40V Schottky diodes
(SOD523)
Central Semi CMOSH-4E LEAD FREE
(Top Mark: 4E)
D2, D5
2
1A, 40V Schottky diodes (SOD123F)
Central Semi CMMSH1-40 LEAD
FREE
(Top Mark: CS40F)
D3
0
Not installed, Schottky diode (SMB)
Diodes Inc. B340LB-13-F
(Recommended)
D6
0
Not installed, Schottky diode (SMA)
Diodes Inc. B240/A-13-F
(Recommended)
D7
1
200mA, 100V high-conductance,
ultra-fast diode (SOT23)
Fairchild Semi MMBD4148
(Top Mark: 5H)
J1, JU1, JU4,
JU5, JU6
5
2-pin headers
JU2, JU3
2
3-pin headers
DESIGNATION
QTY
DESCRIPTION
L1, L2
2
4.7µH, 3.4A DC inductors
Sumida CDRH8D28NP-4R7NC
N1
1
100V, 44A n-channel MOSFET
(TO-252/DPAK)
Fairchild Semi FDD3672
N2, N3
2
30V, 5.1A n-channel MOSFETs
(SuperSOT-6)
Fairchild Semi Si3456DV
(Top Mark: 456)
R1
1
3.9k
Ω ±5% resistor (1210)
R2
1
1M
Ω ±5% resistor (0603)
R3
1
100
Ω ±5% resistor (0603)
R4, R13
2
0
Ω ±5% resistors (0603)
R5
0
Not installed, resistor (0603)
R6
1
52.3k
Ω ±1% resistor (0603)
R7, R20, R22,
R23
4
10k
Ω ±1% resistors (0603)
R8, R17
2
976
Ω ±1% resistors (0603)
R9
1
12.7k
Ω ±1% resistor (0603)
R10, R11, R19
3
100k
Ω ±5% resistors (0603)
R12
1
6.49k
Ω ±1% resistor (0603)
R14
0
Not installed, resistor (0402)
R15
1
37.4k
Ω ±1% resistor (0603)
R16
1
12.1k
Ω ±1% resistor (0603)
R18
1
7.15k
Ω ±1% resistor (0603)
R21
1
1
Ω ±5% resistor (0603)
U1
1
Dual-output, step-down converter
(32 TQFN-EP*)
Maxim MAX5099ATJ+
—
6
Shunts
—
1
PCB: MAX5099 Evaluation Kit+
Component Suppliers
SUPPLIER
PHONE
WEBSITE
Central Semiconductor Corp.
631-435-1110
www.centralsemi.com
Diodes Inc.
805-446-4800
www.diodes.com
Fairchild Semiconductor
888-522-5372
www.fairchildsemi.com
Murata Electronics North America, Inc.
770-436-1300
www.murata-northamerican.com
Panasonic Corp.
800-344-2112
www.panasonic.com
Sumida Corp.
847-545-6700
www.sumida.com
Note: Indicate that you are using the MAX5099 or MAX5098A when contacting these component suppliers.
*
EP = Exposed pad.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com