Electronic Components Datasheet Search
  English  ▼

X  

MAX5092B Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5092B
Description  fully assembled and tested surface-mount printed-circuit board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5092B Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5092B Datasheet HTML 1Page - Maxim Integrated Products MAX5092B Datasheet HTML 2Page - Maxim Integrated Products MAX5092B Datasheet HTML 3Page - Maxim Integrated Products MAX5092B Datasheet HTML 4Page - Maxim Integrated Products MAX5092B Datasheet HTML 5Page - Maxim Integrated Products MAX5092B Datasheet HTML 6Page - Maxim Integrated Products MAX5092B Datasheet HTML 7Page - Maxim Integrated Products MAX5092B Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
preset 7V. If VBSOUT is programmed greater than
(VOUT + VBST_DIS), larger ripple is observed on
BSOUT. The reason is that as VBSOUT rises above
(VOUT + VBST_DIS), the boost converter is disabled,
causing VBSOUT to fall. As VBSOUT falls to (VOUT +
VBST_EN), the boost converter turns back on and
VBSOUT rises. For the lowest VBSOUT ripple, program
VBSOUT within the boost disable threshold.
To program VBSOUT for other voltages, use the follow-
ing procedure:
1) Select a R2 resistance of 499kΩ or lower.
2) Calculate R1 using the following equation:
where VBSOUT is the desired output voltage for BSOUT.
3) Remove the short located at R2.
4) Install resistors R1 and R2.
See Figure 2 for the MAX5092 EV kit schematic.
Setting the LDO Output Voltage (VOUT)
LDO output-voltage regulation also features Dual Mode
operation. In preset mode, VVOUT regulates to 3.3V
(MAX5092A/MAX5093A) or 5V (MAX5092B/MAX5093B)
by internal trimmed feedback resistors. The default EV
kit VOUT regulation mode is configured for the preset
mode by directly connecting SET to SGND (Figure 2).
VVOUT can also be adjusted from 1.5V to 9V for the
MAX5092_ (or from 1.5V to 10V for the MAX5093_) by
selecting resistors R4 and R5. Note that the current
drawn by these resistors adds to the quiescent current
of the LDO. Use the adjustable output mode only if
VVOUT is required to be significantly different than the
preset voltage. To program VVOUT for other voltages,
use the following procedure:
1) Select an R5 resistance of 100kΩ or lower.
2) Calculate R4 using the following equation:
where VVOUT is the desired output voltage for VOUT.
3) Remove the short located at R5.
4) Install resistors R4 and R5.
See Figure 2 for the MAX5092 EV kit schematic.
Adjusting the
RESET Timeout Period
The MAX5092 EV kit contains an open-drain power-on
reset output (
RESET) that indicates when the LDO out-
put (VOUT) is out of regulation. When VVOUT rises
above 92% of the regulation threshold, VRESET goes
high after a user-programmable timeout period. This
time period is programmable by selecting the capaci-
tance of capacitor C5 (Figure 2). For a chosen
RESET
active timeout period (tRESET_HIGH) in seconds, calcu-
late the required C5 value in farads as:
The
RESET active timeout period is set for approxi-
mately 136ms by C5 in the default EV kit configuration.
Configuring for the MAX5093_
The MAX5092 EV kit can be configured to demonstrate
the MAX5093_. The MAX5093_ requires an external
switching diode (D1) connected between LX and
BSOUT (Figure 2). Proper selection of an external
diode can offer a lower forward-voltage drop and a
higher reverse-voltage handling capability. Since the
high-switching frequency of the IC demands a high-
speed rectifier, Schottky diodes are recommended for
most applications because of their fast recovery time
and low forward-voltage drop. Ensure that the diode’s
peak current rating is greater than or equal to the peak
inductor current. Additionally, the diode reverse break-
down voltage must be greater than VBSOUT.
To configure the MAX5092 EV kit for use with the
MAX5093_, perform the following procedure:
1) Replace the MAX5092B IC with the MAX5093_ IC.
2) Install Schottky diode D1. See the
Component List
for recommended diode.
3) Configure the BSOUT and VOUT voltages as dis-
cussed in the
Evaluating Other Output Voltages
section.
C5
RESET_HIGH
=
××
−
210
124
6
t
.
RR
VVOUT
45
124
1
=×
−
(
.
)
RR
VBSOUT
12
124
1
=×
−
(
.
)
MAX5092 Evaluation Kit
_______________________________________________________________________________________
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com