Electronic Components Datasheet Search
  English  ▼

X  

MAX2172 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2172
Description  Direct-Conversion to Low-IF Tuner for Digital Audio Broadcast
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2172 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2172 Datasheet HTML 1Page - Maxim Integrated Products MAX2172 Datasheet HTML 2Page - Maxim Integrated Products MAX2172 Datasheet HTML 3Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Enlarge+
Key Features
• +2.7V to +3.5V Supply Voltage Range
• Low-IF Output Eliminates IF-Saw Filter
• Integrated FM/VHF-III Bandpass Filter
• Integrated Low-IF Bandpass Filter
• Sigma-Delta Fractional-N Synthesizer
Applications/Uses
• Fixed and Mobile Digital
Audio Broadcast (DAB,
DAB+) with FM
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com