Electronic Components Datasheet Search
  English  ▼

X  

MAX1795 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1795
Description  Output Disconnects from Input During Shutdown
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1795 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1795 Datasheet HTML 1Page - Maxim Integrated Products MAX1795 Datasheet HTML 2Page - Maxim Integrated Products MAX1795 Datasheet HTML 3Page - Maxim Integrated Products MAX1795 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAX1797 Evaluation Kit
2
_______________________________________________________________________________________
Detailed Description
Input Source
The input source for the MAX1797 EV kit must be
greater than 1.0V for guaranteed startup (0.7V for oper-
ation once started), and less than the output voltage. A
typical input voltage range would be the 2.0V to 3.3V
range of a 2-cell NiCd battery. An input voltage greater
than the selected output voltage (but less than 6V) will
not damage the circuit; however, the MAX1797 output
will nearly equal the input voltage when the device is
not shutdown. In shutdown, the output is high imped-
ance, and the ouput voltage will be 0V if a load is pre-
sent. If OUT is driven by another voltage source, such
as a backup battery, when the MAX1797 is shut down,
the IC presents no load to the backup source.
Once started, the MAX1797 operates from the regulat-
ed output voltage. This means that the input voltage
can fall below the 1.0V minimum guaranteed startup
voltage. Typically, the regulated output will be main-
tained even if the input voltage drops to 0.7V.
Shutdown Jumper Selection
The MAX1797 EV kit features a shutdown mode that
reduces quiescent current to <1µA to preserve battery
life. In shutdown, the output of the boost converter goes
to high impedance and is fully disconnected from the
input.
Using the Low-Battery Detector
The MAX1797 has an additional comparator useful for
monitoring the input source’s voltage level. Resistors R4
and R5 are connected as a voltage-divider between the
VIN pad and the MAX1797 LBI pin. Note that a PC trace
across R5 shorts the LBI pin to VIN when this function is
not used. Cut the trace before installing R5. Refer to the
Low-Battery Detection section of the MAX1797 data
sheet for instructions on selecting values for R4 and R5.
Output Voltage Selection
The MAX1797 is initially set for a 3.3V output by connect-
ing the FB pin to OUT, or set to 5V by connecting the FB
pin to GND. However, by adding external resistors R1
and R2, the output can be adjustable from 2.0V to 5.5V.
Cut the trace shorting resistor R1, and install output volt-
age-divider resistors R1 and R2. The Selecting the
Output Voltage section of the MAX1797 data sheet gives
instruction for calculating R1 and R2 values.
Table 1. Jumper JU1 Functions
(Shutdown Mode)
SHUNT
LOCATION
SHDN PIN
MAX1797
OUTPUT
1 and 2
Connected to VIN,
SHDN = high
Shutdown mode,
VOUT = 0
2 and 3
Connected to GND,
SHDN = low
MAX1797
enabled,
VOUT = 3.3V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com