Electronic Components Datasheet Search
  English  ▼

X  

IRL60SC216 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IRL60SC216
Description  StrongIRFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRL60SC216 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IRL60SC216 Datasheet HTML 1Page - Infineon Technologies AG IRL60SC216 Datasheet HTML 2Page - Infineon Technologies AG IRL60SC216 Datasheet HTML 3Page - Infineon Technologies AG IRL60SC216 Datasheet HTML 4Page - Infineon Technologies AG IRL60SC216 Datasheet HTML 5Page - Infineon Technologies AG IRL60SC216 Datasheet HTML 6Page - Infineon Technologies AG IRL60SC216 Datasheet HTML 7Page - Infineon Technologies AG IRL60SC216 Datasheet HTML 8Page - Infineon Technologies AG IRL60SC216 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
StrongIRFETª
IRL60SC216
Rev.2.2,2020-07-02
Final Data Sheet
3Electricalcharacteristics
atTj=25°C,unlessotherwisespecified
Table4Staticcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Drain-source breakdown voltage
V(BR)DSS
60
-
-
V
VGS=0V,ID=250uA
Breakdown voltage temperature
coefficient
dV(BR)DSS/dTj -
45
-
mV/°C
ID=5mA,referencedto25°C
Gate threshold voltage
VGS(th)
1.0
-
2.4
V
VDS=VGS,ID=250µA
Zero gate voltage drain current
IDSS
-
-
-
-
1
150
µA
VDS=60V,VGS=0V,Tj=25°C
VDS=60V,VGS=0V,Tj=125°C
Gate-source leakage current
IGSS
-
-
100
nA
VGS=20V,VDS=0V
Drain-source on-state resistance
RDS(on)
-
-
1.2
1.4
1.50
1.8
m
Ω
VGS=10V,ID=100A
VGS=4.5V,ID=50A
Gate resistance
1)
RG
-
2.0
-
Ω
-
Transconductance
gfs
-
320
-
S
|VDS|
≥2|ID|RDS(on)max,ID=100A
Table5Dynamiccharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Input capacitance
1)
Ciss
-
16000 -
pF
VGS=0V,VDS=30V,f=1MHz
Output capacitance
1)
Coss
-
1100
-
pF
VGS=0V,VDS=30V,f=1MHz
Reverse transfer capacitance
1)
Crss
-
810
-
pF
VGS=0V,VDS=30V,f=1MHz
Turn-on delay time
td(on)
-
66
-
ns
VDD=30V,VGS=4.5V,ID=30A,
RG,ext=2.7
Ω
Rise time
tr
-
149
-
ns
VDD=30V,VGS=4.5V,ID=30A,
RG,ext=2.7
Ω
Turn-off delay time
td(off)
-
175
-
ns
VDD=30V,VGS=4.5V,ID=30A,
RG,ext=2.7
Ω
Fall time
tf
-
90
-
ns
VDD=30V,VGS=4.5V,ID=30A,
RG,ext=2.7
Ω
1) Defined by design. Not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com