Electronic Components Datasheet Search
  English  ▼

X  

CMD271P3 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # CMD271P3
Description  6-11 GHz Low Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD271P3 Datasheet(HTML) 1 Page - Qorvo, Inc

  CMD271P3 Datasheet HTML 1Page - Qorvo, Inc CMD271P3 Datasheet HTML 2Page - Qorvo, Inc CMD271P3 Datasheet HTML 3Page - Qorvo, Inc CMD271P3 Datasheet HTML 4Page - Qorvo, Inc CMD271P3 Datasheet HTML 5Page - Qorvo, Inc CMD271P3 Datasheet HTML 6Page - Qorvo, Inc CMD271P3 Datasheet HTML 7Page - Qorvo, Inc CMD271P3 Datasheet HTML 8Page - Qorvo, Inc CMD271P3 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD271P3 is a broadband MMIC low noise
amplifier housed in a leadless 3x3 mm plastic
surface mount QFN package. The CMD271P3 is
ideally suited for EW and communications
systems
where small size and low power
consumption are needed. The broadband device
delivers 20 dB of gain with a corresponding
output IP3 of +27 dBm and a noise figure of 1.8
dB at 8 GHz. The CMD271P3 is a 50 ohm
matched design eliminating the need for external
DC blocks and RF port matching.
► Low noise figure
► High IP3
► High gain broadband performance
► Single positive supply voltage
► Pb-free RoHs compliant 3x3 QFN package
Electrical Performance - Vdd = 5.0 V, TA = 25
oC, F = 8 GHz
Description
Parameter
Min
Typ
Max
Units
Frequency Range
GHz
Gain
20
dB
Noise Figure
1.8
dB
Input Return Loss
15
dB
Output Return Loss
15
dB
Output IP3
27
dBm
Supply Current
66
mA
6 - 11
Output P1dB
16.5
dBm
ver 1.0 0919
CMD271P3
6-11 GHz Low Noise Amplifier
Features
Functional Block Diagram


Similar Part No. - CMD271P3

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD271P3 MMIC-CMD271P3 Datasheet
251Kb / 12P
6-11 GHz Low Noise Amplifier
More results

Similar Description - CMD271P3

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD186P3 MMIC-CMD186P3 Datasheet
244Kb / 10P
6-11 GHz Low Noise Amplifier
CMD229P4 MMIC-CMD229P4 Datasheet
249Kb / 10P
5-11 GHz Low Noise Amplifier
CMD263 MMIC-CMD263 Datasheet
428Kb / 10P
5-11 GHz Low Noise Amplifier
CMD263P3 MMIC-CMD263P3 Datasheet
244Kb / 10P
5-11 GHz Low Noise Amplifier
CMD271P3 MMIC-CMD271P3 Datasheet
251Kb / 12P
6-11 GHz Low Noise Amplifier
CMD309P4 MMIC-CMD309P4 Datasheet
248Kb / 12P
5-11 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD309P4 QORVO-CMD309P4 Datasheet
372Kb / 13P
5-11 GHz Low Noise Amplifier
CMD271 QORVO-CMD271 Datasheet
146Kb / 12P
6-11 GHz Low Noise Amplifier
CMD263 QORVO-CMD263 Datasheet
428Kb / 10P
5-11 GHz Low Noise Amplifier
CMD263P3 QORVO-CMD263P3 Datasheet
355Kb / 11P
5-11 GHz Low Noise Amplifier
November 4, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com