Electronic Components Datasheet Search
  English  ▼

X  

CS223-4N Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CS223-4N
Description  4.0 AMP SCR 600 THRU 800 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CS223-4N Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CS223-4N Datasheet HTML 1Page - Central Semiconductor Corp CS223-4N Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MIN
MAX
MIN
MAX
A
0°
10°
0°
10°
B
0.059
0.071
1.50
1.80
C
0.018
---
0.45
---
D
0.000
0.004
0.00
0.10
E
F
0.009
0.014
0.23
0.35
G
0.248
0.264
6.30
6.70
H
0.114
0.122
2.90
3.10
I
0.130
0.146
3.30
3.70
J
0.264
0.287
6.70
7.30
K
0.024
0.033
0.60
0.85
L
M
SOT-223 (REV: R3)
15°
0.091
0.181
4.60
2.30
15°
DIMENSIONS
SYMBOL
MILLIMETERS
INCHES
Central
Semiconductor Corp.
TM
SOT-223 CASE - MECHANICAL OUTLINE
CS223-4M
CS223-4N
4.0 AMP SCR
600 THRU 800 VOLTS
R0 (11-May 2004)
LEAD CODE:
1) CATHODE
2) ANODE
3) GATE
4) ANODE
MARKING CODE:
FULL PART NUMBER



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com