Electronic Components Datasheet Search
  English  ▼

X  

WSF4042 Datasheet(PDF) 8 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF4042
Description  High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF4042 Datasheet(HTML) 8 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Back Button WSF4042 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4042 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4042 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4042 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4042 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4042 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4042 Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4042 Datasheet HTML 9Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4042 Datasheet HTML 10Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
-VDS - Drain - Source Voltage (V)
Output Characteristics
Drain-Source On Resistance
-ID- Drain Current (A)
-VGS - Gate - Source Voltage (V)
-50 -25
0
25
50
75 100 125 150
Tj - Junction Temperature (°C)
Gate Threshold Voltage
P Channel Typical Operating Characteristics (Cont.)
Gate-Source On Resistance
0
2
4
6
8
10
0
10
20
30
40
50
60
-3.5V
-4.5V
-4V
-3V
-5V
V
GS=-6,-7,-8,-9,-10V
0
10
20
30
40
50
10
20
30
40
50
60
70
80
V
GS=-10V
V
GS=-4.5V
2
3
4
5
6
7
8
9
10
I
DS=-10A
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
I
DS =-250mA
1
0
0
2
22
0
7
0
6
0
5
0
4
0
3
0
WSF4042
N-Ch and P-Channel MOSFET
Page 8
www.winsok.tw
Rev1.0 May.2020



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com