Electronic Components Datasheet Search
  English  ▼

X  

WSD1614DN Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSD1614DN
Description  Battery protection Load switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSD1614DN Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSD1614DN Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD1614DN Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD1614DN Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD1614DN Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD1614DN Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD1614DN Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics @TA=25℃ unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
VGS = 0V, ID= 250
μA
20
----V
IDSS
Zero Gate Voltage Drain Current
VDS = 16V, VGS = 0V
--
--
1
μA
VGS(TH)
Gate Threshold Voltage
VGS = VDS, IDS= 250
μA
0.4
--
1
V
IGSS
Gate Leakage Current
VGS=
8V, V
 
DS
=0V
--
--
10
 
μA
VGS = 4.5V, ID = 0.55A
--
--
230
m
Ω
VGS = 2.5V, ID = 0.45A
--
--
305
m
Ω
VGS = 1.8V, ID = 0.35A
--
--
455
m
Ω
VSD
Diode Forward Voltage
ISD= 0.35A , VGS=0V
--
--
1.2
V
IS
Diode Forward Current *AC
TA =25°C
--
--
0.58
A
Qg
Total Gate Charge
--
2
--
nC
Qgs
Gate-Source Charge
--
0.3
--
nC
Qgd
Gate-Drain Charge
--
0.3
--
nC
td ( on )
Turn-on Delay Time
--
1.2
--
ns
tr
Turn-on Rise Time
--
25
--
ns
td( off )
Turn-off Delay Time
--
14
--
ns
tf
Turn-Off Fall Time
--
15
--
ns
Ciss
Input Capacitance
--
43
--
pF
Coss
Output Capacitance
--
9
--
pF
Crss
Reverse Transfer Capacitance
--
6
--
pF
Note:
A: The value of R
θJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper,
in a still air environment with TA=25°C. The value in any given application depends
on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C: The current rating is based on the t
≤ 10s junction to ambient thermal resistance rating.
VDS=10V,
VGS=0V,
f=1.0MHz
RDS(on)
Drain-Source On-state Resistance
VGS=4.5V,
VDS=10V,
ID=1A
VGS=4.5V,
VDS=10V,
RG=6 ,
 
ID=2A
N-Ch MOSFET
Page 2
www.winsok.tw
Rev1.0 Jan.2021
WSD1614DN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com