Electronic Components Datasheet Search
  English  ▼

X  

ABC550 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # ABC550
Description  Up to 550 Watts with Forced Air Cooling
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC550 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  ABC550 Datasheet HTML 1Page - Bel Fuse Inc. ABC550 Datasheet HTML 2Page - Bel Fuse Inc. ABC550 Datasheet HTML 3Page - Bel Fuse Inc. ABC550 Datasheet HTML 4Page - Bel Fuse Inc. ABC550 Datasheet HTML 5Page - Bel Fuse Inc. ABC550 Datasheet HTML 6Page - Bel Fuse Inc. ABC550 Datasheet HTML 7Page - Bel Fuse Inc. ABC550 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ABC550 Series
5
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2020 Bel Power Solutions & Protection
BCD.00831_AC
De-rate linearly from 100% at 115
VAC to 78% at 90 VAC
Convection load: 110 W up to 50 °C
De-rate above 50 °C @ 2.5% per °C
Conduction load: 200 W up to 50 °C
De-rate above 50 °C @ 2.5% per °C
Forced air cooled load:
500 W up to 50°C
De-rate above 50 °C @ 2.5% per °C
Convection load: 150 W up to 50 °C
De-rate above 50 °C @ 2.5% per °C
Conduction load: 250 W up to 50 °C
De-rate above 50 °C @ 2.5% per °C
Forced air cooled load:
550 W up to 50°C
De-rate above 50 °C @ 2.5% per °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com