Electronic Components Datasheet Search
  English  ▼

X  

MA2201 Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA2201
Description  High Voltage, Step-up LED Driving Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA2201 Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA2201 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA2201 Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/13
MA2201
Major Power Technology Co., Ltd.
Rev 1.2
24
th, Mar., 2020
High Voltage, Step-up LED Driving Controller
GENERAL DESCRIPTION
The MA2201 is a current mode step-up LED Driving controller. The input voltage range is
widely from 3.5V to 28V, designed to drive an external N-channel MOSFET. Output LED
current is programmable with VFB=0.2V.
The PWM switching frequency is 600KHz and allows usage of small external inductor.
External power MOSFET with very low RDS(ON) provides high efficiency and good product
reliability. The controller also provides protection functions such as input under voltage
lock-out, output over voltage protection (only in SOP8L), current limit, and thermal shutdown.
FEATURES
-
3.5V to 28V Operating Input Voltage Range.
-
38V Maximum Output Voltage
-
600KHz Fixed Switching Frequency.
-
0.2V ±2% Feedback Voltage Range.
-
Up to 90% Efficiency.
-
Drives up to 10 WLEDs.
-
External Soft-Start Function.
- Over Current Protection (OCP).
-
Thermal Shutdown Protection (OTP).
-
Input Under Voltage Lock-out (UVLO).
-
Output Over Voltage Protection (OVP, only in SOP8L).
-
Available in SOP8L and SOT23-6L Package Types.
SIMPLIFIED APPLICATION CIRCUIT
1W
WLEDs
VIN=12V
VOUT
C1
10uF
Q1
NMOS
C3
0.1uF
R2
10K
Ω
D1
SS34
L1
10uH
U1
1
7
2
8
5
3
6
4
SS
EN
VIN
SENSE
GND
GATE
R1
220K
Ω
FB
RSENSE
0.05
Ω
OVP
C2
10uF
RSET
1.3
Ω


Similar Part No. - MA2201

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MA220 EXTECH-MA220 Datasheet
227Kb / 9P
400A AC/DC Clamp Meter
logo
Taoglas antenna solutio...
MA220.LB.001 TAOGLAS-MA220.LB.001 Datasheet
4Mb / 36P
Height 12mm Diameter 62.8mm
MA220.LB.001 TAOGLAS-MA220.LB.001 Datasheet
1Mb / 25P
Optimus MA220 2in1 GPS-GLONASS-GALILEO
MA220.LB.001 TAOGLAS-MA220.LB.001_18 Datasheet
1Mb / 25P
Optimus MA220 2in1 GPS-GLONASS-GALILEO
logo
Major-Power Technology ...
MA2200 MPOWER-MA2200 Datasheet
194Kb / 2P
High Voltage, Boost Controller
More results

Similar Description - MA2201

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1680 LINER-LT1680 Datasheet
322Kb / 16P
High Power DC/DC Step-Up Controller
logo
List of Unclassifed Man...
B3800M ETC1-B3800M Datasheet
410Kb / 10P
Switching Regulator Controller Step Up Low Voltage (BIPOLAR)
logo
Integral Corp.
IL700D INTEGRAL-IL700D Datasheet
184Kb / 4P
HIGH VOLTAGE HIGH-FREQUENCY STEP-UP SWITCHING REGULATOR-CONTROLLER
logo
Silicon Standard Corp.
SS6641 SSC-SS6641 Datasheet
334Kb / 13P
Low Voltage Step-Up DC/DC Controller
logo
STMicroelectronics
STLDC08 STMICROELECTRONICS-STLDC08 Datasheet
1Mb / 29P
Step-up controller for LED supply
22-Feb-2011
logo
Supertex, Inc
HV9150K6-G SUTEX-HV9150K6-G Datasheet
1Mb / 15P
High Voltage Output Hysteretic Mode Step Up DC/DC Controller
logo
Skyworks Solutions Inc.
AAT1185 SKYWORKS-AAT1185 Datasheet
3Mb / 16P
High Voltage Step-Down Controller
logo
uPI Group Inc.
UP6055 UPI-UP6055 Datasheet
178Kb / 12P
High Performance, Single Synchronous Step-Up Controller
UP6056 UPI-UP6056 Datasheet
178Kb / 12P
High Performance, Single Synchronous Step-Up Controller
logo
Major-Power Technology ...
MA2012 MPOWER-MA2012 Datasheet
191Kb / 2P
High Voltage, Step-up LED Driver
Rev 1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com