| Electronic Components Datasheet Search |
|
MA7005AA Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD. |
|
|
|||||||||||||||||||||||||||||
MA7005AA Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD. |
|
2 / 2 page ![]() 2/4 MA7005 Major Power Technology Co., Ltd. Rev.1.3 23 th, Aug., 2019 BLOCK DIAGRAM Offset Cancellation Logic VDD + - Hall Plate N-MOS OUT GND ORDER / MARKING INFORMATION Order Information Top Marking Package Type MA7005 Packing A : Taping X X A: SOT23-3L Blank: Bag H Week: 01~26(A~Z) 27~52(a~z) Year : 7 = 2017 ID Code: Internal G Y W X ABSOLUTE MAXIMUM RATINGS (at TA=25°C) Characteristics Symbol Rating Unit VDD Pin Voltage VDD - 0.3 to 7V V Output Pin Voltage VOUT - 0.3 to 7V V Output Current IOUT 25 mA Storage Temperature Range TST -65 to +150 °C Junction Temperature TJ +150 °C Operating Temperature Range TOP -40 to +125 °C Thermal Resistance from Junction to case θJC 140 °C/W Thermal Resistance from Junction to ambient θJA 250 °C/W Power Dissipation[PD=( TJ-TA ) / θJA ] PD 400 mW Note : θJA is measured with the PCB copper area of approximately 0.5 in2(Multi-layer). |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |