Electronic Components Datasheet Search
  English  ▼

X  

MA7904AA Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA7904AA
Description  Ratio-metric Linear Hall Effect Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7904AA Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA7904AA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7904AA Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/7
MA7904
Major Power Technology Co., Ltd.
Rev.1.4
28
th, Apr., 2020
Ratio-metric Linear Hall Effect Sensor
GENERAL DESCRIPTION
MA7904, a linear Hall-effect sensor, is composed of hall sensor, linear amplifier and
output stage. The linear Hall sensor have an operating Temperature range of -40°C to
+125°C, appropriate for commercial, consumer, and industrial environments.
The high sensitivity of Hall Effect sensor accurately tracks extremely small changes in
magnetic flux density. The linear output voltage is set by the supply voltage and varies in
proportion to the strength of the magnetic field. Typical operation current is 3.3 mA and
operating voltage range is 2.8 volts to 5.5 volts.
The package style available provides magnetically optimized solutions for most
applications.
FEATURES
-
Operating Voltage Range: 2.8V~5.5V
-
Gauss Sensitivity : 3mV/G
-
Power Consumption of 3.3 mA at 5 V DC for Energy Efficiency
-
Linear Output for Circuit Design Flexibility
-
Totem-pole for a Stable and Accurate Output
-
Responds to either Positive or Negative Gauss
-
Small Package for SMD
-
Magnetically Optimized Package for SIP
-
Cost Competitive
-
Robust ESD Performance
-
Reverse VDD Polarity Protect
-
Low Profile SOT23-3L and SIP-3L(TO92S) Packages( Green and Lead Free )
APPLICATION
-
Current sensing / Motor control / Position sensing / Magnetic code reading


Similar Part No. - MA7904AA

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA7901 MPOWER-MA7901 Datasheet
161Kb / 2P
Ratio-metric Linear Hall Effect Sensor
MA7901AA MPOWER-MA7901AA Datasheet
161Kb / 2P
Ratio-metric Linear Hall Effect Sensor
MA7901P3A MPOWER-MA7901P3A Datasheet
161Kb / 2P
Ratio-metric Linear Hall Effect Sensor
MA7902 MPOWER-MA7902 Datasheet
119Kb / 2P
Ratio-metric Linear Hall Effect Sensor
MA7902AA MPOWER-MA7902AA Datasheet
119Kb / 2P
Ratio-metric Linear Hall Effect Sensor
More results

Similar Description - MA7904AA

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA7901 MPOWER-MA7901 Datasheet
161Kb / 2P
Ratio-metric Linear Hall Effect Sensor
MA7902 MPOWER-MA7902 Datasheet
119Kb / 2P
Ratio-metric Linear Hall Effect Sensor
MA7903 MPOWER-MA7903 Datasheet
164Kb / 2P
Ratio-metric Linear Hall Effect Sensor
MA7905 MPOWER-MA7905 Datasheet
161Kb / 2P
Ratio-metric Linear Hall Effect Sensor
Rev.1.3
MA7906 MPOWER-MA7906 Datasheet
117Kb / 2P
Ratio-metric Linear Hall Effect Sensor
MA7907 MPOWER-MA7907 Datasheet
117Kb / 2P
Ratio-metric Linear Hall Effect Sensor
Rev.1.0
MA7908 MPOWER-MA7908 Datasheet
117Kb / 2P
Ratio-metric Linear Hall Effect Sensor
Rev.1.0
MA7909 MPOWER-MA7909 Datasheet
117Kb / 2P
Ratio-metric Linear Hall Effect Sensor
Rev.1.0
MA7910 MPOWER-MA7910 Datasheet
117Kb / 2P
Ratio-metric Linear Hall Effect Sensor
Rev.1.0
MA7918 MPOWER-MA7918 Datasheet
117Kb / 2P
Ratio-metric Linear Hall Effect Sensor
Rev.1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com