Electronic Components Datasheet Search
  English  ▼

X  

54F407 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F407
Description  DATA ACCESS REGISTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F407 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54F407 Datasheet HTML 1Page - National Semiconductor (TI) 54F407 Datasheet HTML 2Page - National Semiconductor (TI) 54F407 Datasheet HTML 3Page - National Semiconductor (TI) 54F407 Datasheet HTML 4Page - National Semiconductor (TI) 54F407 Datasheet HTML 5Page - National Semiconductor (TI) 54F407 Datasheet HTML 6Page - National Semiconductor (TI) 54F407 Datasheet HTML 7Page - National Semiconductor (TI) 54F407 Datasheet HTML 8Page - National Semiconductor (TI) 54F407 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLF9537
December 1994
54F407
Data Access Register
General Description
The ’F407 Data Access Register (DAR) performs memory
address arithmetic for RAM resident stack applications It
contains three 4-bit registers intended for Program Counter
(R0) Stack Pointer (R1) and Operand Address (R2) The
’F407 implements 16 instructions which allow either pre- or
post-decrementincrement and register-to-register transfer
in a single clock cycle It is expandable in 4-bit increments
and can operate at a 30 MHz microinstruction rate on a
16-bit word The TRI-STATE
outputs are provided for bus-
oriented applications The ’F407 is fully compatible with all
TTL families
Features
Y
High-speedgreater than a 30 MHz microinstruction
rate
Y
Three 4-bit registers
Y
16 instructions for register manipulation
Y
Two separate output ports one transparent
Y
Relative addressing capability
Y
TRI-STATE Outputs
Y
Optional pre- or post- arithmetic
Y
Expandable in multiples of four bits
Y
24-pin slim package
Y
9407 replacement
Military
Package
Package Description
Number
54F407DM (Note 1)
J24A
24-Lead Ceramic Dual-In-Line
54F407SDM (Note 1)
J24F
24-Lead (0300 Wide) Ceramic Dual-In-Line
54F407FM (Note 1)
W24C
24-Lead Cerpack
54F407FM (Note 1)
E28A
28-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbol
Connection Diagrams
TLF9537 – 3
Pin Assignment
for DIP and Flatpak
TLF9537 – 1
Pin Assignment
for LCC
TLF9537 – 2
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 54F407

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F402 NSC-54F402 Datasheet
177Kb / 12P
Serial Data Polynomial Generator/Checker
54F402DM NSC-54F402DM Datasheet
177Kb / 12P
Serial Data Polynomial Generator/Checker
54F402FM NSC-54F402FM Datasheet
177Kb / 12P
Serial Data Polynomial Generator/Checker
54F402LM NSC-54F402LM Datasheet
177Kb / 12P
Serial Data Polynomial Generator/Checker
More results

Similar Description - 54F407

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F195A PHILIPS-74F195A Datasheet
74Kb / 10P
4-bit parallel-access shift register
1996 Mar 12
74F199 PHILIPS-74F199 Datasheet
68Kb / 8P
8-bit parallel-access shift register
June 15, 1988
74HC195 PHILIPS-74HC195 Datasheet
67Kb / 9P
4-bit parallel access shift register
December 1990
logo
Hitachi Semiconductor
HD74HC195 HITACHI-HD74HC195 Datasheet
50Kb / 9P
4-bit Parallel-Access Shift Register
HD74HC95 HITACHI-HD74HC95 Datasheet
44Kb / 8P
4-bit Parallel Access Shift Register
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
Data Access Arrangement
logo
Motorola, Inc
MC74F195 MOTOROLA-MC74F195 Datasheet
91Kb / 4P
4-BIT PARALLEL ACCESS SHIFT REGISTER
logo
Renesas Technology Corp
HD74LS195A RENESAS-HD74LS195A Datasheet
188Kb / 8P
4-bit Parallel-Access Shift Register
HD74HC195 RENESAS-HD74HC195 Datasheet
189Kb / 8P
4-bit Parallel-Access Shift Register
logo
OmniVision Technologies...
OX01B40 OMNIVISION-OX01B40 Datasheet
628Kb / 2P
SCCB for register access
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com