Electronic Components Datasheet Search
  English  ▼

X  

CMD327 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # CMD327
Description  DC-40 GHz Low Phase Noise Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD327 Datasheet(HTML) 2 Page - Qorvo, Inc

  CMD327 Datasheet HTML 1Page - Qorvo, Inc CMD327 Datasheet HTML 2Page - Qorvo, Inc CMD327 Datasheet HTML 3Page - Qorvo, Inc CMD327 Datasheet HTML 4Page - Qorvo, Inc CMD327 Datasheet HTML 5Page - Qorvo, Inc CMD327 Datasheet HTML 6Page - Qorvo, Inc CMD327 Datasheet HTML 7Page - Qorvo, Inc CMD327 Datasheet HTML 8Page - Qorvo, Inc CMD327 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CMD327
DC-40 GHz Low Phase Noise Amplifier
Data Sheet | May 27, 2021 | Subject to change without notice
2 of 11
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Rating
Drain Voltage, Vdd
6.0 V
Gate Voltage, Vgg
3.6 V
RF Input Power
+20 dBm
Channel Temperature, Tch
150° C
Power Dissipation, Pdiss
590 mW
Thermal Resistance, QJC
110° C/W
Operating Temperature
-55 to 85° C
Storage Temperature
-55 to 150° C
Exceeding any one or combination of the maximum ratings may cause
permanent damage to the device.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Vdd
3.0
5.0
5.5
V
Idd
100
mA
Vgg
0
3.0
3.3
V
Igg
3.6
mA
Electrical performance is measured at specific test conditions.
Electrical specifications are not guaranteed over all recommended
operating conditions.
Electrical Specifications (Vdd = 5.0 V, Vgg = 3.0 V, TA = 25o C)
)
)
)
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
DC - 20
20 - 40
GHz
Gain
10
11
9.5
11
dB
Noise Figure
4.5
7
dB
Input Return Loss
9.5
9.5
dB
Output Return Loss
12
8.5
dB
Output P1dB
17.5
19
12.5
14
dBm
Saturated Output Power
22
16
dBm
Output IP3
31
27
dBm
Phase Noise @ 10 kHz Offset
-165
-165
dBc/Hz
Supply Current
75
100
125
75
100
125
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com