Electronic Components Datasheet Search
  English  ▼

X  

CMD320C3 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # CMD320C3
Description  10.7-12.7 GHz Ultra Low Noise Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD320C3 Datasheet(HTML) 1 Page - Qorvo, Inc

  CMD320C3 Datasheet HTML 1Page - Qorvo, Inc CMD320C3 Datasheet HTML 2Page - Qorvo, Inc CMD320C3 Datasheet HTML 3Page - Qorvo, Inc CMD320C3 Datasheet HTML 4Page - Qorvo, Inc CMD320C3 Datasheet HTML 5Page - Qorvo, Inc CMD320C3 Datasheet HTML 6Page - Qorvo, Inc CMD320C3 Datasheet HTML 7Page - Qorvo, Inc CMD320C3 Datasheet HTML 8Page - Qorvo, Inc CMD320C3 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CMD320C3
10.7-12.7 GHz Ultra Low Noise Amplifier
Data Sheet | May 27, 2021 | Subject to change without notice
1 of 13
www.qorvo.com
®
Product Overview
The CMD320C3 is a broadband MMIC low noise amplifier
housed in a leadless 3x3 mm surface mount package. The
CMD320C3 is ideally suited for EW and communications
systems where small size and low power consumption are
needed.
The
device
is
optimized
for
broadband
performance
and
delivers
18
dB
of
gain
with
a
corresponding noise figure of 1.07 dB at 12 GHz. The
CMD320C3 is a 50 ohm matched design which eliminates
the need for external DC blocks and RF port matching.
Functional Block Diagram
Electrical Performance (Vdd = 3 V, Vgg = 1.5 V, TA = 25o C, F = 12 GHz)
)
)
)
)
)
)
)
Parameter
Min
Typ
Max
Units
Frequency Range
10.7 - 12.7
GHz
Gain
18
dB
Noise Figure
1.07
dB
Input Return Loss
12
dB
Output Return Loss
18
dB
Output P1dB
16
dBm
Supply Current
32
mA
Key Features
• Ultra Low Noise Figure
• High Gain Broadband Performance
• Low Power Dissipation
• Pb-Free RoHs Compliant 3x3 QFN Package
Ordering Information
Part No.
Description
CMD320C3
100 pcs on 7” reel
CMD320C3-EVB
Evaluation Board


Similar Part No. - CMD320C3

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD324 QORVO-CMD324 Datasheet
312Kb / 10P
DC-30 GHz 2-bit Digital Attenuator
May 27, 2021
CMD325 QORVO-CMD325 Datasheet
437Kb / 12P
DC-30 GHz 6-bit Digital Attenuator
CMD326 QORVO-CMD326 Datasheet
315Kb / 11P
DC-18 GHz Low Phase Noise Amplifier
CMD327 QORVO-CMD327 Datasheet
360Kb / 11P
DC-40 GHz Low Phase Noise Amplifier
CMD328 QORVO-CMD328 Datasheet
935Kb / 11P
6-18 GHz Low Noise Amplifier
More results

Similar Description - CMD320C3

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY67151-396LF SKYWORKS-SKY67151-396LF Datasheet
1Mb / 24P
0.7-3.8 GHz Ultra Low-Noise Amplifier
logo
Custom MMIC Design Serv...
CMD283 MMIC-CMD283 Datasheet
225Kb / 10P
2-6 GHz Ultra Low Noise Amplifier
logo
Renesas Technology Corp
F6921 RENESAS-F6921 Datasheet
128Kb / 3P
Dual-Channel Low Noise Amplifier 10.7 ??12.75 GHz
logo
Qorvo, Inc
CMD319C3 QORVO-CMD319C3 Datasheet
360Kb / 13P
8-12 GHz Ultra Low Noise Amplifier
QPA1009D QORVO-QPA1009D Datasheet
663Kb / 17P
10.7 ??12.7 GHz 17.5 Watt GaN Amplifier
QPA1006D QORVO-QPA1006D Datasheet
536Kb / 17P
10.7 ??12.7 GHz 35 Watt GaN Amplifier
CMD283C3 QORVO-CMD283C3 Datasheet
248Kb / 10P
2-6 GHz Ultra Low Noise Amplifier
CMD283 QORVO-CMD283 Datasheet
225Kb / 10P
2-6 GHz Ultra Low Noise Amplifier
logo
Analog Devices
ADMV4640 AD-ADMV4640 Datasheet
2Mb / 41P
10.7 GHz to 12.7 GHz, SATCOM, Microwave Downconverter
Rev. A
logo
Renesas Technology Corp
F6921 RENESAS-F6921_V01 Datasheet
887Kb / 17P
Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz
Apr 8, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com