Electronic Components Datasheet Search
  English  ▼

X  

CMD313 Datasheet(PDF) 9 Page - Qorvo, Inc

Part # CMD313
Description  6-45 GHz Fundamental Mixer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD313 Datasheet(HTML) 9 Page - Qorvo, Inc

Back Button CMD313 Datasheet HTML 2Page - Qorvo, Inc CMD313 Datasheet HTML 3Page - Qorvo, Inc CMD313 Datasheet HTML 4Page - Qorvo, Inc CMD313 Datasheet HTML 5Page - Qorvo, Inc CMD313 Datasheet HTML 6Page - Qorvo, Inc CMD313 Datasheet HTML 7Page - Qorvo, Inc CMD313 Datasheet HTML 8Page - Qorvo, Inc CMD313 Datasheet HTML 9Page - Qorvo, Inc CMD313 Datasheet HTML 10Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
ver 1.0 0919
Pin
Function
Description
Schematic
1
LO
This pin is AC coupled and matched to 50
ohms.
2
RF
This pin is AC coupled and matched to 50
ohms.
3
IF
This pin is DC coupled. For applications
not requiring operation to DC, this port
should be DC blocked externally using a
series capacitor whose value has been
chosen to pass the necessary IF frequency
range. For operation to DC, this pin must
not source or sink more than 16 mA of
current or part non-function or part failure
may result.
Backside
Ground
Connect to RF / DC ground.
Pad Diagram
Functional Description
Pin Description
GND
CMD313
6-45 GHz Fundamental Mixer
IF
1
2
3
LO
RF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com