Electronic Components Datasheet Search
  English  ▼

X  

MAX4002 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4002
Description  2.7V to 5.5V Single-Supply Operation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4002 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4002 Datasheet HTML 1Page - Maxim Integrated Products MAX4002 Datasheet HTML 2Page - Maxim Integrated Products MAX4002 Datasheet HTML 3Page - Maxim Integrated Products MAX4002 Datasheet HTML 4Page - Maxim Integrated Products MAX4002 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Filter Capacitor Selection
When functioning as a PA controller, the MAX4001
requires some capacitance to maintain loop stability.
Global System for Mobile (GSM) applications require a
control-loop bandwidth of at least 150kHz. A 2200pF
capacitor, C4, is installed to obtain this control-loop
bandwidth. Refer to the Gain and Phase vs. Frequency
graph in the Applications Information section of the
MAX4000/MAX4001/MAX4002 data sheet for alternative
capacitor values.
Evaluating the MAX4000/MAX4002
Evaluating the MAX4000
The MAX4001 can be replaced with the MAX4000 to
allow an input range of -45dBm to 0dBm into 50
Ω. The
modifications required are as follows:
1) Replace U1 with a MAX4000EBL.
2) Replace C6 with a 0
Ω (0402) resistor.
Evaluating the MAX4002
The MAX4001 can be replaced with the MAX4002 to
allow an input range of -30dBm to +15dBm in 50
Ω. The
modifications required are as follows:
1) Replace U1 with a MAX4002EBL.
Layout Considerations
A good PC board is an essential part of RF circuit
design. The MAX4001 EV kit PC board can serve as a
guide for laying out a board using the MAX4000/
MAX4001/MAX4002. Keep traces carrying RF signals
as short as possible to minimize radiation and insertion
loss due to the PC board. Each VCC node on the PC
board should have its own decoupling capacitor. This
minimizes supply coupling from one section of the PC
board to another. Using a star topology for the supply
layout, in which each VCC node in the circuit has a
separate connection to the central VCC node, can fur-
ther minimize coupling between sections of the PC
board.
MAX4001 Evaluation Kit
_______________________________________________________________________________________
3
JUMPER
SHUNT
POSITION
DESCRIPTION
Installed
Quasi-measurement mode
enabled
JU1, JU2
Not Installed
Quasi-measurement mode
disabled
Table 2. Quasi-Measurement Mode
Selection



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com