Electronic Components Datasheet Search
  English  ▼

X  

534775 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 534775
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

534775 Datasheet(HTML) 1 Page - Festo Corporation.

  534775 Datasheet HTML 1Page - Festo Corporation. 534775 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
VSVA-B-M52-MH-A2-1R2L
Part number: 534775
Data sheet
Feature
Value
Valve function
5/2, monostable
Actuation type
Electrical
Width
18 mm
Standard nominal flow rate
550 l/min
Pneumatic working port
Sub-base, size 18 mm as per ISO 15407-1
Size 02 sub-base as per VDMA 24563
Operating voltage
24V DC
Operating pressure
0.3 MPa ... 0.8 MPa
Operating pressure
3 bar ... 8 bar
Design
Piston gate valve
Reset method
Mechanical spring
Certification
C-Tick
c UL us - Recognized (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
Degree of protection
IP65
Nominal width
5 mm
Type code
VSVA
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Conforms to standard
ISO 15407-1
VDMA 24563
Manual override
Non-detenting
Type of control
Pilot-controlled
Pilot air supply port
Internal
Flow direction
Non-reversible
Symbol
00991003
Lap
Overlap
Signal status display
LED
Flow rate of pneumatic valve
750 l/min
Flow rate of pneumatic valve on individual sub-base
550 l/min
Optimized flow rate of pneumatic valve pneumatically concatenated flow 550 l/min
Switching time off
34 ms
On switching time
12 ms
DC operating voltage range
21.6 V ... 26.4 V
Duty cycle
100%
8/23/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 534775

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
534771 FESTO-534771 Datasheet
97Kb / 2P
Air solenoid valve
534772 FESTO-534772 Datasheet
97Kb / 2P
Air solenoid valve
534773 FESTO-534773 Datasheet
96Kb / 2P
Air solenoid valve
534774 FESTO-534774 Datasheet
94Kb / 2P
Air solenoid valve
534776 FESTO-534776 Datasheet
93Kb / 2P
Air solenoid valve
More results

Similar Description - 534775

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com