Electronic Components Datasheet Search
  English  ▼

X  

SM5816AF Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM5816AF
Description  6-channel DSD-PCM Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5816AF Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5816AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5816AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5816AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5816AF Datasheet HTML 4Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SM5816AF
NIPPON PRECISION CIRCUITS INC.—2
PIN DESCRIPTION
No.
Name
I/O
Description
1
VDD1
–
Supply pin 1
2
MSHIFT
I
Serial control shift clock
3
MLATCH
I
Serial control latch clock
4
MDATA
I
Serial control command data
5
DSGAIN
I
DSD signal gain set
6
SELSBSW
I
DSD-SW input to DSD 8fs-SW/(SBL,
SBR) output select
7
SELSBR
I
DSD 8fs-(SBL, SBR) output select
8
SELMCU
I
Control method select
9
MONTOR
O
Parameter change monitor output
10
VSS1
–
Ground pin 1
11
DSBCKB
I/O
DSD through-mode data output: bit clock
12
DSOSR
O
DSD through-mode data output:
surround right-channel
13
DSOSL
O
DSD through-mode data output:
surround left-channel
14
DSOSBR
O
DSD through-mode data output:
surround back right-channel
15
DSOSBL
O
DSD through-mode data output:
surround back left-channel
16
DSOSW
O
DSD through-mode data output:
subwoofer-channel
17
DSOCT
O
DSD through-mode data output: center-
channel
18
DSOFR
O
DSD through-mode data output: front
right-channel
19
DSOFL
O
DSD through-mode data output: front
left-channel
20
VSS2
–
Ground pin 2
21
VDD2
–
Supply pin 2
22
DIR8CK
I
8fs output F8BCK, F8WCK I/O select
23
FMT8FS
I
8fs PCM format (MSB first)
24
FMT8WCK
I
8fs PCM WCK format
25
F8BCK
I/O
8fs PCM BCK (bit clock)
26
F8WCK
I/O
8fs PCM WCK (word clock)
27
F8SR
O
8fs PCM data output: surround right-
channel
28
F8SL
O
8fs PCM data output: surround left-
channel
29
F8SBR
O
8fs PCM data output: surround back
right-channel
30
VSS3
–
Ground pin 3
31
VDD3
–
Supply pin 3
32
F8SBL
O
8fs PCM data output: surround back left-
channel
33
F8SW
O
8fs PCM data output: subwoofer-channel
34
F8CT
O
8fs PCM data output: center-channel
35
F8FR
O
8fs PCM data output: front right-channel
36
F8FL
O
8fs PCM data output: front left-channel
37
SELDH2
I
Output dither rounding ON/OFF and
summing position select
38
SELDH1
I
39
DIR2CK
I
2fs output F2BCK, F2LRCK I/O select
40
VSS4
–
Ground pin 4
41
VDD4
–
Supply pin 4
42
FMT2FS
I
2fs PCM format
43
F2BCK
I/O
2fs or external data BCK
44
F2LRCK
I/O
2fs or external data LRCK
45
F2SLR
O
2fs PCM data output: surround left/right-
channel
46
F2CSWEX2
O
2fs PCM data output: center/subwoofer-
channel or external data 2 output
47
F2FLREX1
O
2fs PCM data output: front left/right-
channel or external data 1 output
48
TEST1
I
Test pin 1
49
CKOUT
O
System clock output
50
VSS5
–
Ground pin 5
51
VDD5
–
Supply pin 5
52
MCK
I
Master clock input: 512fs
53
TEST2
I
Test pin 2
54
TEST3
I
Test pin 3
55
EXIBCK
I
External PCM data BCK input
56
EXILRCK
I
External PCM data LRCK input
57
EXID2
I
External PCM data input 2
58
EXID1
I
External PCM data input 1
59
EXMCK
I
External system clock input
60
VSS6
–
Ground pin 6
61
VDD6
–
Supply pin 6
62
DSBCKF
I/O
DSD data input bit clock
63
DSIFL
I
DSD data input: front left-channel
64
DSIFR
I
DSD data input: front right-channel
65
DSICT
I
DSD data input: center-channel
66
DSISW
I
DSD data input: subwoofer-channel
67
DSISL
I
DSD data input: surround left-channel
68
DSISR
I
DSD data input: surround right-channel
69
DIRDSCK1
I
DSBCKF I/O select
70
DIRDSCK2
I
DSBCKB I/O select
71
SELRAM
I
FIR coefficient ROM/RAM select
72
SELFIR1
I
FIR coefficient (ROM) select
73
SELFIR2
I
74
XMTPCM
I
PCM output mute control input
75
XMTDSD
I
DSD output mute control input
76
SEL8FS
I
PCM output rate select
77
SELEXT
I
2fs output/external data output select
78
SYNC
I
Forced sync pint
79
INIT
I
Initialization control pin
80
VSS7
–
Ground pin 7
No.
Name
I/O
Description



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com