Electronic Components Datasheet Search
  English  ▼

X  

MAX2180A Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2180A
Description  Fully Assembled and Tested
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2180A Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2180A Datasheet HTML 1Page - Maxim Integrated Products MAX2180A Datasheet HTML 2Page - Maxim Integrated Products MAX2180A Datasheet HTML 3Page - Maxim Integrated Products MAX2180A Datasheet HTML 4Page - Maxim Integrated Products MAX2180A Datasheet HTML 5Page - Maxim Integrated Products MAX2180A Datasheet HTML 6Page - Maxim Integrated Products MAX2180A Datasheet HTML 7Page - Maxim Integrated Products MAX2180A Datasheet HTML 8Page - Maxim Integrated Products MAX2180A Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MaximIntegrated│ 4
MAX2180A Evaluation Kit
Evaluates: MAX2180A
www.maximintegrated.com
Layout Considerations
Electrical
Athigh-signal-levelconditions,theRFcurrentsflowingin
thedevicecaninducevoltagesinthePCBgroundplane,
known as “ground bounce.” To avoid unwanted spurious
productsinthesignalpathduetogroundbounce,proper
grounding techniques must be followed.
To prevent ground bounce from large FM signals entering
theAMsignalpath,theAMbypasscapacitorC3andAM
input resistor R17 must be grounded directly to ground
pins 8 and 9.
Thermal
The device is designed to meet data sheet specifications
atsupplyvoltagesupto+15V,andtofunctionatsupply
voltagesupto+24V.Undertheseconditions,asignificant
amount of power must be dissipated by the circuit. This
requires the application PCB to provide a low thermal
impedance path to a thermal ground.
The EV kit PCB design accounts for this by providing
an array of thermal vias in the ground plane and a wide
top metal trace connecting the package pad to a nearby
screw. Adjacent pins 20–23 are all grounded, which
allows the wide trace.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com