Electronic Components Datasheet Search
  English  ▼

X  

STP20NM60A Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP20NM60A
Description  N-CHANNEL 650V@Tjmax - 0.25 Ohm - 20A I짼PAK/TO-220/TO-220FP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP20NM60A Datasheet(HTML) 2 Page - STMicroelectronics

  STP20NM60A Datasheet HTML 1Page - STMicroelectronics STP20NM60A Datasheet HTML 2Page - STMicroelectronics STP20NM60A Datasheet HTML 3Page - STMicroelectronics STP20NM60A Datasheet HTML 4Page - STMicroelectronics STP20NM60A Datasheet HTML 5Page - STMicroelectronics STP20NM60A Datasheet HTML 6Page - STMicroelectronics STP20NM60A Datasheet HTML 7Page - STMicroelectronics STP20NM60A Datasheet HTML 8Page - STMicroelectronics STP20NM60A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
STB20NM60A-1/STP20NM60A/STF20NM60A
2/12
ABSOLUTE MAXIMUM RATINGS
( ) Pulse width limited by safe operating area
(1) ISD ≤ 20A, di/dt ≤ 400 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX.
(*) Limited only by maximum temperature allowed
THERMAL DATA
ELECTRICAL CHARACTERISTICS (TCASE =25 °C UNLESS OTHERWISE SPECIFIED)
ON/OFF
Symbol
Parameter
Value
Unit
STB20NM60A-1
STP20NM60A
STF20NM60A
VGS
Gate-source Voltage
±30
V
ID
Drain Current (continuous) at TC =25°C
20
20(*)
A
ID
Drain Current (continuous) at TC = 100°C
12.6
12.6(*)
A
IDM ( )
Drain Current (pulsed)
80
80(*)
A
PTOT
Total Dissipation at TC =25°C
192
45
W
Derating Factor
1.2
0.36
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
15
V/ns
VISO
Insulation Winthstand Voltage (DC)
--
2500
V
Tstg
Storage Temperature
–55 to 150
°C
Tj
Max. Operating Junction Temperature
I2PAK/TO-220
TO-220FP
Rthj-case
Thermal Resistance Junction-case
Max
0.65
2.8
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
Max
62.5
°C/W
Tl
Maximum Lead Temperature For Soldering Purpose
300
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS =0
600
V
IDSS
Zero Gate Voltage
Drain Current (VGS =0)
VDS = Max Rating
1µA
VDS = Max Rating, TC = 125 °C
10
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS =± 30V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS =VGS,ID = 250 µA
23
4V
RDS(on)
Static Drain-source On
Resistance
VGS = 10V, ID = 10A
0.25
0.29
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com