Electronic Components Datasheet Search
  English  ▼

X  

STP12NK60Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP12NK60Z
Description  N-CHANNEL 600V - 0.53 Ohm - 10A TO-220 / TO-220FP Zener-Protected SuperMESH™MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP12NK60Z Datasheet(HTML) 1 Page - STMicroelectronics

  STP12NK60Z Datasheet HTML 1Page - STMicroelectronics STP12NK60Z Datasheet HTML 2Page - STMicroelectronics STP12NK60Z Datasheet HTML 3Page - STMicroelectronics STP12NK60Z Datasheet HTML 4Page - STMicroelectronics STP12NK60Z Datasheet HTML 5Page - STMicroelectronics STP12NK60Z Datasheet HTML 6Page - STMicroelectronics STP12NK60Z Datasheet HTML 7Page - STMicroelectronics STP12NK60Z Datasheet HTML 8Page - STMicroelectronics STP12NK60Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
September 2005
STP12NK60Z
STF12NK60Z
N-CHANNEL 600V - 0.53
Ω - 10A TO-220 / TO-220FP
Zener-Protected SuperMESH™MOSFET
Table 1: General Features
■
TYPICAL RDS(on) = 0.53 Ω
■
EXTREMELY HIGH dv/dt CAPABILITY
■
100% AVALANCHE TESTED
■
GATE CHARGE MINIMIZED
■
VERY LOW INTRINSIC CAPACITANCES
■
VERY GOOD MANUFACTURING
REPEATIBILITY
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt capability
for the most demanding applications. Such series
complements ST full range of high voltage MOS-
FETs including revolutionary MDmesh™ products.
APPLICATIONS
■
HIGH CURRENT, HIGH SPEED SWITCHING
■
IDEAL FOR OFF-LINE POWER SUPPLIES,
ADAPTORS AND PFC
■
LIGHTING
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
ID
Pw
STP12NK60Z
STF12NK60Z
600 V
600 V
< 0.64
Ω
< 0.64
Ω
10 A
10 A
150 W
35 W
TO-220
TO-220FP
1
2
3
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP12NK60Z
P12NK60Z
TO-220
TUBE
STF12NK60Z
F12NK60Z
TO-220FP
TUBE
Rev. 3


Similar Part No. - STP12NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP12NK60Z STMICROELECTRONICS-STP12NK60Z Datasheet
841Kb / 15P
N-channel 650 V @Tjmax, 0.53 Ω, 10 A TO-220, TO-220FP, TO-247 Zener-protected SuperMESH??Power MOSFET
13-Oct-2009
logo
Inchange Semiconductor ...
STP12NK60Z ISC-STP12NK60Z Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP12NK60Z STMICROELECTRONICS-STP12NK60Z_09 Datasheet
841Kb / 15P
N-channel 650 V @Tjmax, 0.53 Ω, 10 A TO-220, TO-220FP, TO-247 Zener-protected SuperMESH??Power MOSFET
13-Oct-2009
More results

Similar Description - STP12NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11NK50Z STMICROELECTRONICS-STP11NK50Z Datasheet
585Kb / 12P
N-CHANNEL 500V - 0.48ohm - 10A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH™ Power MOSFET
Jun-2003
STP5NK60Z STMICROELECTRONICS-STP5NK60Z Datasheet
477Kb / 14P
N-CHANNEL 600V - 1.2ohm - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH Power MOSFET
15-Dec-2005
STP6NK60Z STMICROELECTRONICS-STP6NK60Z Datasheet
578Kb / 13P
N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH™ 줡ower MOSFET
April 2003
STP6NK70Z STMICROELECTRONICS-STP6NK70Z Datasheet
337Kb / 12P
N-CHANNEL 700V - 1.5ohm - 5A TO-220/TO-220FP Zener-Protected SuperMESH MOSFET
06-Sep-2005
STP9NK80Z STMICROELECTRONICS-STP9NK80Z Datasheet
336Kb / 11P
N-CHANNEL 800V -0.9ohm - 7.5A TO-220/TO-220FP Zener-Protected SuperMESH MOSFET
18-May-2005
STP8NK85Z STMICROELECTRONICS-STP8NK85Z Datasheet
346Kb / 15P
N-CHANNEL 850V -1.1ohm - 6.7A TO-220/TO-220FP Zener-Protected SuperMESH MOSFET
20-Sep-2006
STP6NK50Z STMICROELECTRONICS-STP6NK50Z Datasheet
408Kb / 12P
N-CHANNEL 500V - 0.93 ohm - 5.6A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH MOSFET
Apr-2004
STP10NK50Z STMICROELECTRONICS-STP10NK50Z Datasheet
505Kb / 12P
N-CHANNEL 500V - 0.55??- 9A TO-220 / TO-220FP Zener-Protected SuperMESH MOSFET
08-Sep-2005
STP5NK60Z STMICROELECTRONICS-STP5NK60Z_02 Datasheet
585Kb / 12P
N-CHANNEL 600V - 1.2W - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH™줡ower MOSFET
Sep-2002
STP12NK60Z STMICROELECTRONICS-STP12NK60Z_09 Datasheet
841Kb / 15P
N-channel 650 V @Tjmax, 0.53 Ω, 10 A TO-220, TO-220FP, TO-247 Zener-protected SuperMESH??Power MOSFET
13-Oct-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com