Electronic Components Datasheet Search
  English  ▼

X  

V103YLF Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # V103YLF
Description  TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

V103YLF Datasheet(HTML) 4 Page - Integrated Circuit Systems

  V103YLF Datasheet HTML 1Page - Integrated Circuit Systems V103YLF Datasheet HTML 2Page - Integrated Circuit Systems V103YLF Datasheet HTML 3Page - Integrated Circuit Systems V103YLF Datasheet HTML 4Page - Integrated Circuit Systems V103YLF Datasheet HTML 5Page - Integrated Circuit Systems V103YLF Datasheet HTML 6Page - Integrated Circuit Systems V103YLF Datasheet HTML 7Page - Integrated Circuit Systems V103YLF Datasheet HTML 8Page - Integrated Circuit Systems V103YLF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
V103
V103 Datasheet
4
11/23/06
Revision 2.0
Integrated Circuit Systems • 525 Race St reet, S an Jose, CA 95126 • tel (408) 297-1201 • ww w. icst. com
External Components
Decoupling capacitors should be used for all power pins. The V103 requires no other external components.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the V103. These ratings, which
are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of the
device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VCC
-0.3 V to +4.0 V
CMOS/TTL Input Voltage
-0.3 V to VCC+0.3 V
CMOS/TTL Output Voltage
-0.3 V to VCC+0.3 V
LVDS Driver Output Voltage
-0.3 V to VCC+0.3 V
Storage Temperature
-55 to +150
°C
Junction Temperature
120
°C
Soldering Temperature (10 seconds)
260
°C
Maximum Power Dissipation @ 25°C
1.0 W
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
°C
Power Supply Voltage (measured in respect to GND)
+3.0
+3.3
+3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com