Electronic Components Datasheet Search
  English  ▼

X  

ADRF5515ABCPZN Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF5515ABCPZN
Description  Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5515ABCPZN Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF5515ABCPZN Datasheet HTML 4Page - Analog Devices ADRF5515ABCPZN Datasheet HTML 5Page - Analog Devices ADRF5515ABCPZN Datasheet HTML 6Page - Analog Devices ADRF5515ABCPZN Datasheet HTML 7Page - Analog Devices ADRF5515ABCPZN Datasheet HTML 8Page - Analog Devices ADRF5515ABCPZN Datasheet HTML 9Page - Analog Devices ADRF5515ABCPZN Datasheet HTML 10Page - Analog Devices ADRF5515ABCPZN Datasheet HTML 11Page - Analog Devices ADRF5515ABCPZN Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Data Sheet
ADRF5515A
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 8 of 15
RECEIVE OPERATION, HIGH GAIN MODE
Figure 8. Gain vs. Frequency at Various Temperatures
Figure 9. Return Loss vs. Frequency
Figure 10. Noise Figure vs. Frequency
Figure 11. Gain vs. Frequency at Various Temperatures, 3.3 GHz to 4.0 GHz
Figure 12. Channel to Channel Isolation vs. Frequency
Figure 13. Output P1dB vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com