Electronic Components Datasheet Search
  English  ▼

X  

MAX8792 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8792
Description  300kHz Switching Frequency
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8792 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8792 Datasheet HTML 1Page - Maxim Integrated Products MAX8792 Datasheet HTML 2Page - Maxim Integrated Products MAX8792 Datasheet HTML 3Page - Maxim Integrated Products MAX8792 Datasheet HTML 4Page - Maxim Integrated Products MAX8792 Datasheet HTML 5Page - Maxim Integrated Products MAX8792 Datasheet HTML 6Page - Maxim Integrated Products MAX8792 Datasheet HTML 7Page - Maxim Integrated Products MAX8792 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MAX8792 Evaluation Kit
2
_______________________________________________________________________________________
2
_______________________________________________________________________________________
Component Suppliers
Note: Indicate that you are using the MAX8792 when contacting
these component suppliers.
*
EP = Exposed pad.
PowerPAK is a registered trademark of Vishay Siliconix.
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
L1
1
1.0µH, 3.25m
Ω, 16A power
inductor
Würth 744 355 2100
N1
1
30V n-channel MOSFET
(PowerPAK® 8-pin SO)
Fairchild FDMS8690
Vishay/Siliconix SI7634DP
N2
1
30V n-channel MOSFET
(PowerPAK 8-pin SO)
Fairchild FDS8670
Vishay/Siliconix SI7336ADP
N3
1
n-channel logic-level MOSFET
(SOT23)
Fairchild 2N7002 (Top Mark: 702)
Diodes Inc. ZVN3306F
(Top Mark: MC)
N4
0
Not installed
R1, R11
2
49.9k
Ω ±1% resistors (0603)
R2
1
54.9k
Ω ±1% resistor (0603)
R3
1
97.6k
Ω ±1% resistor (0603)
R4
1
1k
Ω ±5% resistor (0603)
R5
0
Not installed, resistor (0402)
R6
1
200k
Ω ±1% resistor (0603)
R7, R13
0
Not installed, resistors
(short PC trace) (0603)
R8, R10
0
Not installed, resistors (0603)
R9
1
0
Ω ±5% resistor (0603)
R12
1
100k
Ω ±1% resistor (0603)
R14
1
100k
Ω ±5% resistor (0603)
U1
1
PWM controller (14 TDFN-EP*)
Maxim MAX8792ETD+
—
3
Shunts
—
1
PCB: MAX8792 EVALUATION KIT+
SUPPLIER
PHONE
WEBSITE
Central
Semiconductor
Corp.
631-435-1110
www.centralsemi.com
Diodes
Incorporated
805-446-4800
www.diodes.com
Fairchild
Semiconductor
888-522-5372
www.fairchildsemi.com
KEMET Corp.
864-963-6300
www.kemet.com
Murata Electronics
North America, Inc.
770-436-1300
www.murata-
northamerica.com
NEC TOKIN
America, Inc.
408-324-1790
www.nec-tokin.com
Nihon Inter
Electronics Corp.
847-843-7500
www.niec.co.jp
Panasonic Corp.
800-344-2112
www.panasonic.com
SANYO Electric
Co., Ltd.
619-661-6835
www.sanyo.com
Quick Start
Recommended Equipment
•
7V to 24V power supply, battery, or notebook AC
adapter
•
DC bias power supply, 5V at 100mA
•
Dummy load capable of sinking 10A
•
Digital multimeter (DMM)
•
100MHz dual-trace oscilloscope



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com