Electronic Components Datasheet Search
  English  ▼

X  

SD60C52P Datasheet(PDF) 13 Page - AUK corp

Part # SD60C52P
Description  CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD60C52P Datasheet(HTML) 13 Page - AUK corp

Back Button SD60C52P Datasheet HTML 5Page - AUK corp SD60C52P Datasheet HTML 6Page - AUK corp SD60C52P Datasheet HTML 7Page - AUK corp SD60C52P Datasheet HTML 8Page - AUK corp SD60C52P Datasheet HTML 9Page - AUK corp SD60C52P Datasheet HTML 10Page - AUK corp SD60C52P Datasheet HTML 11Page - AUK corp SD60C52P Datasheet HTML 12Page - AUK corp SD60C52P Datasheet HTML 13Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
KSI-W015-000
13
Timing Diagram (Continued)
SD60C32/P SD60C52/P
VCC
- 0.5
0.45V
0.7VCC
0.2VSS
- 0.1
t CLCL
t CLCX
tCHCX
tCLCH
tCHCL
Figure 10. Clock Signal Waveform for I
Tests in Active and Idle Modes
t CLCH = tCHCL
= 5㎱
VCC
ICC
(NC)
VCC
P0
EA
XTAL2
XTAL1
VSS
Figure 11. I
Test Condition, Power down Mode
All other pins are disconnected, V
= 2V to 5.5V
RST
VCC
cc
cc
cc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com