Electronic Components Datasheet Search
  English  ▼

X  

CMD303C3 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # CMD303C3
Description  13-21 GHz Sub-harmonic x2 Mixer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD303C3 Datasheet(HTML) 1 Page - Qorvo, Inc

  CMD303C3 Datasheet HTML 1Page - Qorvo, Inc CMD303C3 Datasheet HTML 2Page - Qorvo, Inc CMD303C3 Datasheet HTML 3Page - Qorvo, Inc CMD303C3 Datasheet HTML 4Page - Qorvo, Inc CMD303C3 Datasheet HTML 5Page - Qorvo, Inc CMD303C3 Datasheet HTML 6Page - Qorvo, Inc CMD303C3 Datasheet HTML 7Page - Qorvo, Inc CMD303C3 Datasheet HTML 8Page - Qorvo, Inc CMD303C3 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD303C3 is a sub-harmonically pumped
mixer with an integrated LO amplifier housed
in a leadless 3x3 mm surface mount QFN
package. The CMD303C3 can be used as an
upconverter or downconverter. The device has
low conversion loss and excellent 2LO to RF
isolation eliminating the need for additional
filtering. The CMD303C3 requires as low as 0
dBm LO drive and operates on a single positive
supply voltage. The sub-harmonic design and
low LO drive level allows for less stringent
oscillator requirements.
► Integrated LO amplifier
► High isolations
► Sub-harmonic ×2 LO
► Single positive supply voltage
► HMC258LC3B replacement
Electrical Performance – Vdd=3 V, IF = 100 MHz, LO = +2 dBm, RF = 18 GHz, TA = 25
oC
Features
Description
Functional Block Diagram
Parameter
Min
Typ
Max
Units
Frequency Range, RF
GHz
Frequency Range, IF
DC
4
GHz
Conversion Loss
10
dB
Noise Figure (SSB)
10
dB
2LO to RF Isolation
22
dB
2LO to IF Isolation
43
dB
Input IP3
13
dBm
13 – 21
Frequency Range, LO
6.5 – 10.5
GHz
Input P1dB
4
dBm
Supply Current
22
32
42
mA
Unless otherwise noted, all measurements performed as a downconverter, IF = 100 MHz USB
ver A 0220
CMD303C3
13-21 GHz Sub-harmonic ×2 Mixer


Similar Part No. - CMD303C3

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD303 QORVO-CMD303 Datasheet
211Kb / 11P
13-21 GHz Sub-harmonic x2 Mixer
More results

Similar Description - CMD303C3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC264LC3B HITTITE-HMC264LC3B Datasheet
351Kb / 6P
GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
logo
HBH Microwave GmbH
HX6001 HBH-HX6001 Datasheet
20Kb / 1P
15-21 GHz Active Harmonic Mixer
HX7001 HBH-HX7001 Datasheet
20Kb / 1P
21-30 GHz Active Harmonic Mixer
logo
Hittite Microwave Corpo...
HMC264LC3B HITTITE-HMC264LC3B_09 Datasheet
226Kb / 6P
GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
logo
List of Unclassifed Man...
HMC1093 ETC2-HMC1093 Datasheet
514Kb / 10P
GaAs MMIC SUB HARMONIC MIXER, 37 - 46.5 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6545 AVAGO-AMMC-6545_15 Datasheet
385Kb / 4P
Sub-Harmonic Mixer
logo
Analog Devices
HMC264LC3B AD-HMC264LC3B Datasheet
403Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
logo
Qorvo, Inc
CMD310C3 QORVO-CMD310C3 Datasheet
398Kb / 11P
20-32 GHz Sub-harmonic x2 Mixer
CMD310 QORVO-CMD310 Datasheet
226Kb / 11P
20-32 GHz Sub-harmonic x2 Mixer
CMD303 QORVO-CMD303 Datasheet
211Kb / 11P
13-21 GHz Sub-harmonic x2 Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com