Electronic Components Datasheet Search
  English  ▼

X  

CMD303 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # CMD303
Description  13-21 GHz Sub-harmonic x2 Mixer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD303 Datasheet(HTML) 3 Page - Qorvo, Inc

  CMD303 Datasheet HTML 1Page - Qorvo, Inc CMD303 Datasheet HTML 2Page - Qorvo, Inc CMD303 Datasheet HTML 3Page - Qorvo, Inc CMD303 Datasheet HTML 4Page - Qorvo, Inc CMD303 Datasheet HTML 5Page - Qorvo, Inc CMD303 Datasheet HTML 6Page - Qorvo, Inc CMD303 Datasheet HTML 7Page - Qorvo, Inc CMD303 Datasheet HTML 8Page - Qorvo, Inc CMD303 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Typical Performance
Conversion Gain vs. Temperature, LO = +2 dBm, IF = 100 MHz USB
ver 1.0 0719
CMD303
13-21 GHz Sub-harmonic ×2 Mixer
Conversion Gain vs. LO Drive, IF = 100 MHz USB, TA = 25 °C
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
12
13
14
15
16
17
18
19
20
21
22
RF Frequency/GHz
+25C
+85C
-55C
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
12
13
14
15
16
17
18
19
20
21
22
RF Frequency/GHz
-4 dBm
-2 dBm
0 dBm
+2 dBm
+4 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com