Electronic Components Datasheet Search
  English  ▼

X  

G3VM-353D Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3VM-353D
Description  MOS FET Relay with N.C. (Normally Closed) Contacts for Switching Analog Signals.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-353D Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3VM-353D Datasheet HTML 1Page - Omron Electronics LLC G3VM-353D Datasheet HTML 2Page - Omron Electronics LLC G3VM-353D Datasheet HTML 3Page - Omron Electronics LLC G3VM-353D Datasheet HTML 4Page - Omron Electronics LLC G3VM-353D Datasheet HTML 5Page - Omron Electronics LLC G3VM-353D Datasheet HTML 6Page - Omron Electronics LLC G3VM-353D Datasheet HTML 7Page - Omron Electronics LLC G3VM-353D Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
G3VM-353A/B/D/E
G3VM-353A/B/D/E
Specifications
s
G3VM-353A/D
Absolute Maximum Ratings (Ta = 25
°C)
Note
The dielectric strength between I/O terminals was measured with voltage applied to all of the input pins and all of the output pins.
Electrical Performance (Ta = 25
°C)
Note
The operate and release time were measured in the way shown below.
Recommended Operating Conditions
Item
Symbol
Rating
Conditions
Input
LED forward current
IF
50 mA
---
LED forward current reduction rate
∆I
F/°C
–0.5 mA/
°CTa ≥ 25°C
Repetitive peak LED forward current
IFP
1 A
100-µs pulses, 100 pps
LED reverse voltage
VR
5 V
---
Permissible loss
Pin
50 mW
---
Connection temperature
TJ
125
°C
---
Output
Output dielectric strength
VOFF
350 V
AC peak value
Continuous load current
IO
150 mA
---
Peak load current
Ipeak
0.35 A
---
Output loss
Pout
506 mW
---
ON current reduction rate
∆I
ON/°C
–1.5 mA/
°CTa ≥ 25°C
Total permissible loss
PT
556 mW
---
Dielectric strength between I/O terminals (See note.)
VI–O
2,500 Vrms
AC, 1 min
Insulation resistance
RI–O
5
× 1010 MΩ VS = 500 V, ambient operating humidity ≤ 60%
Storage temperature
Tstg
–55 to
125
°C
---
Ambient operating temperature
Ta
–40 to 85
°C ---
Item
Symbol
Minimum
Standard
Maximum
Conditions
Input
LED forward current
VF
1.0 V
1.15 V
1.3 V
IF = 10 mA
Reverse current
IR
---
---
10 µA
VR = 5 V
Capacity between terminals
CT
---
30 pF
---
V = 0, f = 1 MHz
Output
Maximum resistance with output
ON
RON
---
15
Ω
25
Ω
ION = 150 mA
Current leakage when the relay is
closed
ILEAK
---
---
1 µA
VOFF = 350 V, IF = 5 mA
Turn-ON time
TON
---
0.1 ms
1 ms
RL = 200 Ω
(See note.)
VDD = 20 V,
IF = 5 mA
Turn-OFF time
TOFF
---
1 ms
3 ms
Floating capacity between I/O terminals
CI–O
---
0.8 pF
---
VS = 0 V, f = 1 MHz
VOUT
IF
TON
TOFF
10%
90%
IF
1
2
4
3
RL
VDD
VOUT
Item
Symbol
Minimum
Standard
Maximum
Operating voltage
VDD
---
---
280 V
Forward current
IF
5 mA
---
25 mA
Continuous load current
IO
---
---
150 mA
Operating temperature
Ta
–20
°C
---
65
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com