Electronic Components Datasheet Search
  English  ▼

X  

LM2481 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2481
Description  145V Triple Bias Clamp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2481 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2481 Datasheet HTML 1Page - National Semiconductor (TI) LM2481 Datasheet HTML 2Page - National Semiconductor (TI) LM2481 Datasheet HTML 3Page - National Semiconductor (TI) LM2481 Datasheet HTML 4Page - National Semiconductor (TI) LM2481 Datasheet HTML 5Page - National Semiconductor (TI) LM2481 Datasheet HTML 6Page - National Semiconductor (TI) LM2481 Datasheet HTML 7Page - National Semiconductor (TI) LM2481 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM2481
145V Triple Bias Clamp
General Description
The LM2481 driver is an Integrated 145V triple bias clamp
circuit for DC recovery of each of the AC coupled outputs of
a HDTV CRT driver. It is well matched with the DAC outputs
of the LM126X family of pre-amplifiers. Each amplifier has its
gain internally set to -20. The LM2481 is packaged in an
industry standard 14 lead molded plastic dual-in-line pack-
age.
Features
n
Wide range integrated triple bias clamp
n
High input impedance
n
Matched to LM2421 HDTV Driver
Applications
n
AC coupled HDTV applications using the 1080i and
720p formats
Schematic and Connection Diagrams
20039833
Top View
Order Number LM2481NA
20039832
FIGURE 1. Simplified Schematic Diagram (One Channel)
June 2002
© 2002 National Semiconductor Corporation
DS200398
www.national.com


Similar Part No. - LM2481

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM248 NSC-LM248 Datasheet
388Kb / 15P
Quad 741 Op Amps LM149 Wide Band Decompensated (AV MIN = 5)
logo
STMicroelectronics
LM248 STMICROELECTRONICS-LM248 Datasheet
139Kb / 9P
FOUR UA741 QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-1997
logo
Texas Instruments
LM248 TI-LM248 Datasheet
399Kb / 12P
QUADRUPLE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM248 STMICROELECTRONICS-LM248 Datasheet
97Kb / 5P
QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Mar-2002
logo
Texas Instruments
LM248 TI2-LM248 Datasheet
1Mb / 19P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED DECEMBER 2002
More results

Similar Description - LM2481

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2479 NSC-LM2479 Datasheet
78Kb / 4P
120V Triple Bias Clamp
LM2480 NSC-LM2480 Datasheet
84Kb / 4P
80V Triple Bias Clamp
LM2485 NSC-LM2485 Datasheet
858Kb / 8P
220V Triple Bias Clamp with G1 Blank Amplifier
LM2476 NSC-LM2476 Datasheet
1Mb / 12P
Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
LM2483 NSC-LM2483 Datasheet
706Kb / 8P
180V Triple Bias Clamp
logo
EIC discrete Semiconduc...
R2KS EIC-R2KS Datasheet
37Kb / 2P
AVALANCHE DIODE(145V, 1.0A)
logo
Monolithic Power System...
EV0074 MPS-EV0074 Datasheet
245Kb / 5P
Triple Output TFT Bias Converter
logo
Intersil Corporation
ISL6720A INTERSIL-ISL6720A Datasheet
224Kb / 11P
100V Triple Linear Bias Supply
August 23, 2007
ISL6720AARZ INTERSIL-ISL6720AARZ Datasheet
221Kb / 11P
100V Triple Linear Bias Supply
August 23, 2007
logo
Texas Instruments
LM2476 TI1-LM2476 Datasheet
1Mb / 16P
Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com