Electronic Components Datasheet Search
  English  ▼

X  

R8-PA4FA/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R8-PA4FA/Q
Description  Remote I/O R8 Series HIGH-SPEED TOTALIZED PULSE INPUT MODULE, 4 points
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-PA4FA/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R8-PA4FA/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-PA4FA/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-PA4FA/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-PA4FA/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: R8-PA4F
R8-PA4F SPECIFICATIONS
ES-9695 Rev.1 Page 2/4
http://www.m-system.co.jp/
PERFORMANCE
Data allocation: 2
Module addresses in use: 4
Power output (input terminal): Rated current 0.1 A DC per
channel
(rated current 3 A for internal fuse (slow blow fuse i2t
(A2sec.) max. 0.31)
Total 0.4 A DC
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(input or exc. supply to internal bus or internal power to
ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
EXTERNAL VIEW
RUN
Module Address Setting
Rotary SW
Terminator DIP SW
8
7
8
7
SW1
x10
x1
SW2
SW3
Term
1
0
9
1
0
9
On
Status Indicator LED
Input Status Indicator LED
Internal Bus Connector
Input Connectors
FRONT VIEW
SIDE VIEW
CARD ADD.
PI1
PI2
PI3
PI4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com