Electronic Components Datasheet Search
  English  ▼

X  

W5028RPG Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # W5028RPG
Description  2.4 2.5 / 5.15 7.125GHz Stick Antenna
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W5028RPG Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  W5028RPG Datasheet HTML 1Page - Pulse A Technitrol Company W5028RPG Datasheet HTML 2Page - Pulse A Technitrol Company W5028RPG Datasheet HTML 3Page - Pulse A Technitrol Company W5028RPG Datasheet HTML 4Page - Pulse A Technitrol Company W5028RPG Datasheet HTML 5Page - Pulse A Technitrol Company W5028RPG Datasheet HTML 6Page - Pulse A Technitrol Company W5028RPG Datasheet HTML 7Page - Pulse A Technitrol Company W5028RPG Datasheet HTML 8Page - Pulse A Technitrol Company W5028RPG Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Series: External Antenna
Issue: 2103
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
For more information:
Pulse Worldwide Headquarters
Pulse/Larsen Antennas
Europe Headquarters
Pulse (Suzhou) Wireless Products Co, Inc.
12220 World Trade Drive
18110 SE 34th St Bldg 2 Suite 250
Pulse GmbH & Do, KG
99 Huo Ju Road(#29 Bldg,4th Phase
San Diego, CA 92128
Vancouver, WA 98683
Zeppelinstrasse 15
Suzhou New District
USA
USA
Herrenberg, Germany
Jiangsu Province, Suzhou 215009 PR China
Tel:1-858-674-8100
Tel: 1-360-944-7551
-
Tel: 49 7032 7806 0
Tel: 86 512 6807 9998
Description: 2.4-2.5 / 5.15-7.125GHz Stick Antenna
PART NUMBER: W5028X
Features:
Applications:
• WiFi Dual-Band
• DSRC
• Multi banded 2.4/5-7GHz
• IP65
• P/N W5028:
• R/A RP SMA 128.05mm
• P/N: W5028RPG:
• RP SMA 130mm
• WiFi-6E (2.4GHz, 5-7GHz),
Zigbee, BLE/BT,
• DSRC V2x communication
• Rugged Outdoor Systems
• Marine, Mining, Utility, Oil/Gas
Environments
• Industrial Applications
• Metering, Security, loT Applications
• Outdoor Networking
• Data Transmission, Access Points
1


Similar Part No. - W5028RPG

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W5028 PULSE-W5028 Datasheet
987Kb / 10P
External Antenna
More results

Similar Description - W5028RPG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-ANT-S01C TI-RI-ANT-S01C Datasheet
252Kb / 3P
SERIES 2000 STICK ANTENNA
RI-ANT-S01C TI1-RI-ANT-S01C_16 Datasheet
423Kb / 5P
SERIES 2000 STICK ANTENNA
logo
Pulse A Technitrol Comp...
W5021 PULSE-W5021 Datasheet
949Kb / 11P
Stick Antenna
W5039 PULSE-W5039 Datasheet
909Kb / 11P
Stick Antenna
W5097 PULSE-W5097 Datasheet
1Mb / 15P
Stick Antenna
W5029X PULSE-W5029X Datasheet
785Kb / 11P
2.4 2.5 / 5.15 7.125 GHz Stick Antenna
logo
Taoglas antenna solutio...
GW.05.0ZZ23 TAOGLAS-GW.05.0ZZ23 Datasheet
3Mb / 19P
Dual-Band Wi-Fi 2.4~2.5GHz/5.15~7.2GHz Terminal Mount Monopole Antenna
SPE-21-8-122-A
logo
Amphenol RF.
ST0129-30-401-A RF-ST0129-30-401-A Datasheet
1Mb / 5P
2.4-2.5GHz & 5.15-5.85GHz External / In-building
Rev. B Date 2023-01-02
ST0226-30-X02-A RF-ST0226-30-X02-A Datasheet
1Mb / 5P
2.4-2.5Ghz & 5.15-5.85GHz External / In-building
Rev. B Date 2023-01-02
ST0228-30-X02-A RF-ST0228-30-X02-A Datasheet
2Mb / 5P
2.4-2.5Ghz & 5.15-5.85GHz External / In-building
Rev. B Date 2023-01-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com