Electronic Components Datasheet Search
  English  ▼

X  

MAX15023 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX15023
Description  Configurable for Power-Supply Sequencing Operation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15023 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX15023 Datasheet HTML 1Page - Maxim Integrated Products MAX15023 Datasheet HTML 2Page - Maxim Integrated Products MAX15023 Datasheet HTML 3Page - Maxim Integrated Products MAX15023 Datasheet HTML 4Page - Maxim Integrated Products MAX15023 Datasheet HTML 5Page - Maxim Integrated Products MAX15023 Datasheet HTML 6Page - Maxim Integrated Products MAX15023 Datasheet HTML 7Page - Maxim Integrated Products MAX15023 Datasheet HTML 8Page - Maxim Integrated Products MAX15023 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Resistors R14 and R15 set VOUT1 and VOUT2 source
current-limit voltage thresholds (VITH_) to 80mV and
110mV, respectively. The sink current-limit voltage
threshold is approximately half the source current-limit
voltage threshold. Use the following equation to recon-
figure the source current-limit voltage threshold:
where VITH_ is the source current-limit voltage threshold
in volts and RILIM_ is R14 or R15 in ohms.
Refer to the
Current-Limit Circuit (LIM_) and Setting the
Cycle-by-Cycle, Low-Side Source Peak Current Limit
sections in the MAX15023 IC data sheet for further
instructions on computing the MAX15023 EV kit source
and sink current limits.
Switching Frequency
The MAX15023 controller’s switching frequency is set
to 500kHz by resistor R17. Replace resistor R17 with
a new resistor value to program the switching fre-
quency between 200kHz and 1MHz. Use the following
equation to calculate R17 when reconfiguring the
switching frequency:
where fSW is in kilohertz and R17 is in kilohms.
When reconfiguring the EV kit controller switching fre-
quency, it might be necessary to change compensation
network components to new values. Refer to the
Compensation section in the MAX15023 IC data sheet
for computing new compensation component values.
Power-Good Outputs
(PGOOD1, PGOOD2)
The MAX15023 EV kit provides power-good output test
points (TP1 and TP2) to monitor the PGOOD1 and
PGOOD2 signals. PGOOD1 and PGOOD2 are high
when VOUT1 and VOUT2, respectively, rise 92.5%
above their programmed output voltages. The PGOOD_
signals are pulled up to VCC by resistors R4 and R5.
When VOUT1 and VOUT2 drop below 89.5% of their
nominal regulated voltages, PGOOD1 and PGOOD2 are
pulled low, respectively.
Enable/Power-Supply Sequencing
(JU1, JU2)
Jumpers JU1 and JU2 configure the MAX15023 EV kit’s
VOUT1and VOUT2 outputs, respectively, for indepen-
dent turn-on/off control or power-supply sequencing.
Install shunts across pins 1-2 of jumpers JU1 and JU2
to enable VOUT1 and VOUT2 using the MAX15023
VCC linear regulator output or the DC voltage source
supplied at the VCC PCB pad.
The outputs can also be externally controlled, by plac-
ing independent voltage sources greater than 1.3V at
the EN1 and EN2 PCB pads, when shunts are not
installed at jumpers JU1 and JU2. Additional PCB resis-
tor pads R2 and R7 are included to set the individual
channel to a desired turn-on voltage. See Tables 2 and
3 for jumpers JU1 and JU2 settings.
Power-Supply Sequencing
The MAX15023 EV kit outputs can be configured for
power-supply sequencing by utilizing the PGOOD_ out-
puts and configuring jumpers JU1 and JU2 appropri-
ately. Place shunts across pins 1-2 of jumper JU1 and
pins 2-3 of jumper JU2 for power sequencing VOUT1,
and then VOUT2. Place shunts across pins 1-2 of
jumper JU2 and pins 2-3 of jumper JU1 for sequencing
VOUT2, and then VOUT1. See Table 4 for configuring
the outputs for power-supply sequencing operation.
R
fSW
17
24806
1 0663
=
()
.
R
V
ILIM
ITH
_
_
()
Ω=
×
× −
10
50 10
6
MAX15023 Evaluation Kit
4
_______________________________________________________________________________________
SHUNT
POSITION
EN1 PIN
VOUT1 OUTPUT
1-2
Connected to VCC
Enabled
2-3*
Connected to
PGOOD2
Enabled (power-
supply sequencing)
Not installed
Pulled down to
GND through R8
Disabled
Table 2. JU1 Jumper Selection (EN1)
*See the
Power-Supply Sequencing section.
SHUNT
POSITION
EN2 PIN
VOUT2 OUTPUT
1-2
Connected to VCC
Enabled
2-3*
Connected to
PGOOD1
Enabled (power-
supply sequencing)
Not installed
Pulled down to
GND through R3
Disabled
Table 3. JU2 Jumper Selection (EN2)
*See the
Power-Supply Sequencing section.
SHUNT POSITION
JU1
JU2
OUTPUT SEQUENCE OPERATION
1-2
2-3
VOUT1, VOUT2
2-3
1-2
VOUT2, VOUT1
Table 4. Power-Supply Sequencing (JU1,
JU2)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com