Electronic Components Datasheet Search
  English  ▼

X  

MAX15022 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX15022
Description  Independent Enable Inputs for All Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15022 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX15022 Datasheet HTML 1Page - Maxim Integrated Products MAX15022 Datasheet HTML 2Page - Maxim Integrated Products MAX15022 Datasheet HTML 3Page - Maxim Integrated Products MAX15022 Datasheet HTML 4Page - Maxim Integrated Products MAX15022 Datasheet HTML 5Page - Maxim Integrated Products MAX15022 Datasheet HTML 6Page - Maxim Integrated Products MAX15022 Datasheet HTML 7Page - Maxim Integrated Products MAX15022 Datasheet HTML 8Page - Maxim Integrated Products MAX15022 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX15022 evaluation kit (EV kit) circuit demon-
strates the MAX15022 IC, which integrates two high-
performance PWM switching step-down regulators and
two low-dropout (LDO) controllers. Each controller and
regulator features independent enable controls for
power-up sequence operation. The EV kit is designed
to operate from a single 4.5V to 5.5V DC power supply.
The synchronous step-down outputs provide 3.3V/4A
and 1.5V/2A, and can be configured for power-up
sequencing or tracking operation. The converter
switching frequency is set to 2MHz and operates 180°
out-of-phase, reducing input voltage ripple and total
RMS input ripple current. The LDO outputs provide
2.5V and 1.2V, at up to 500mA each. Each LDO con-
troller is powered from either the input power source or
one of the regulator outputs.
Features
o 4.5V to 5.5V Input Range
o Regulator Outputs
3.3V at 4A
1.5V at 2A
o 2MHz Switching Frequency
o LDO Outputs
2.5V (Up to 500mA)
1.2V (Up to 500mA)
o Independent Enable Inputs for All Outputs
o Configurable Power-Up Sequencing for Outputs
o Configurable Power-Up Tracking for Regulators
(VOUT1, VOUT2)
o Thermal Shutdown and Hiccup-Mode Short-
Circuit Protection
o Fully Assembled and Tested
MAX15022 Evaluation Kit
________________________________________________________________
Maxim Integrated Products
1
19-4101; Rev 0; 5/08
Component List
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TYPE
MAX15022EVKIT+
EV Kit
DESIGNATION
QTY
DESCRIPTION
C1
1
150µF ±20%, 10V aluminum
electrolytic capacitor
(6.6mm x 6.6mm)
Panasonic EEEFK1A151P
C2, C4, C9,
C10, C14, C18
6
0.1µF ±10%, 16V X7R ceramic
capacitors (0603)
Murata GRM188R71C104K
C3, C8, C11,
C12, C19, C21
6
10µF ±10%, 6.3V X7R ceramic
capacitors (0805)
Murata GRM21BR70J106K
C5
1
180pF ±5%, 50V C0G ceramic
capacitor (0603)
Murata GRM1885C1H181J
C6
1
390pF ±5%, 50V C0G ceramic
capacitor (0603)
Murata GRM1885C1H391J
C7, C16
2
10pF ±5%, 50V C0G ceramic
capacitors (0603)
Murata GRM1885C1H100J
C13, C23, C24
0
Not installed, capacitors (0805)
DESIGNATION
QTY
DESCRIPTION
C15
1
68pF ±5%, 50V C0G ceramic
capacitor (0603)
Murata GRM1885C1H680J
C17
1
270pF ±5%, 50V C0G ceramic
capacitor (0603)
Murata GRM1885C1H271J
C20, C22
2
1µF ±10%, 10V X7R ceramic
capacitors (0805)
TDK C2012X7R1A105K
C25, C26
0
Not installed, ceramic capacitors
(0603)
C27, C28
2
2200pF ±10%, 16V X7R ceramic
capacitors (0603)
Murata GRM188R71C222K
JU1–JU4
4
3-pin headers
L1
1
0.47µH, 5A inductor
Vishay IHLP-1616BZ-ER-R47-M-01
L2
1
1µH, 4A inductor
Vishay IHLP-1616BZ-ER-1R0-M-01
+
Denotes lead-free and RoHS-compliant.


Similar Part No. - MAX15022

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15022 MAXIM-MAX15022 Datasheet
336Kb / 27P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
Rev 0; 5/08
MAX15022 MAXIM-MAX15022 Datasheet
317Kb / 28P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
ev 1; 7/11
MAX15022ATI MAXIM-MAX15022ATI Datasheet
336Kb / 27P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
Rev 0; 5/08
MAX15022ATI+ MAXIM-MAX15022ATI+ Datasheet
317Kb / 28P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
ev 1; 7/11
MAX15022ATI/V+ MAXIM-MAX15022ATI/V+ Datasheet
317Kb / 28P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
ev 1; 7/11
More results

Similar Description - MAX15022

ManufacturerPart #DatasheetDescription
logo
Rohm
BD39012EFV-C ROHM-BD39012EFV-C Datasheet
2Mb / 42P
Independent enable control
logo
Micross Components
AS8SLC512K32 MICROSS-AS8SLC512K32 Datasheet
192Kb / 12P
All inputs and outputs are TTL-compatible
SMJ27C512 MICROSS-SMJ27C512 Datasheet
323Kb / 11P
All inputs/outputs fully TTL compatible
logo
Skyworks Solutions Inc.
AAT2687 SKYWORKS-AAT2687 Datasheet
3Mb / 20P
Independent Enable Pins
AAT2689 SKYWORKS-AAT2689 Datasheet
3Mb / 20P
Independent Enable Pins
logo
List of Unclassifed Man...
1672 ETC2-1672 Datasheet
1Mb / 3P
Three independent outputs
logo
Recom International Pow...
RU-RUM RECOM-RU-RUM Datasheet
97Kb / 2P
Twin Independent Outputs
RUM RECOM-RUM Datasheet
97Kb / 2P
Twin Independent Outputs
logo
Alliance Semiconductor ...
AS6C8016-55TIN ALSC-AS6C8016-55TIN Datasheet
1Mb / 11P
All inputs and outputs TTL compatible
logo
Maxim Integrated Produc...
MAX3747AEVKIT MAXIM-MAX3747AEVKIT Datasheet
281Kb / 6P
SMA Connectors for All High-Speed Inputs and Outputs
Rev A; 05/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com