Electronic Components Datasheet Search
  English  ▼

X  

MAX15020 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX15020
Description  Space-Saving 5mm x 5mm, 20-pin TQFN Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15020 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX15020 Datasheet HTML 1Page - Maxim Integrated Products MAX15020 Datasheet HTML 2Page - Maxim Integrated Products MAX15020 Datasheet HTML 3Page - Maxim Integrated Products MAX15020 Datasheet HTML 4Page - Maxim Integrated Products MAX15020 Datasheet HTML 5Page - Maxim Integrated Products MAX15020 Datasheet HTML 6Page - Maxim Integrated Products MAX15020 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX15020
MAX15020 Evaluation Kit
Note: Indicate that you are using the MAX15020 when contact-
ing these component suppliers.
DESIGNATION QTY
DESCRIPTION
C1, C6
2
560µF ±20%, 50V low ESR
electrolytic capacitors
(12.5mm x 25mm)
SANYO 50ME560WX
C2, C4,
C10
3
1µF ±10%, 25V X7R ceramic
capacitors (0805)
TDK C2012X7R1E105K
C3, C5,
C7, C9
4
0.1µF ±10%, 50V X7R ceramic
capacitors (0603)
TDK C1608X7R1H104K
C8
1
0.22µF ±10%, 50V X7R ceramic
capacitor (0805)
Murata GRM21BR71H224K
C11
1
0.027µF ±10%, 50V X7R ceramic
capacitor (0603)
AVX 06035C273KAT2A
C12
1
0.1µF ±10%, 50V X7R ceramic
capacitor (0805)
TDK C2012X7R1H104K
C13
1
330pF ±5%, 50V C0G ceramic
capacitor (0603)
TDK C1608C0G1H331J
D1
1
60V, 3A Schottky diode (SMA)
Diodes Inc. B360A
DESIGNATION QTY
DESCRIPTION
D2
1
100V, 150mA Schottky diode
(SOD-123) Vishay BAT46W
JU1–JU3
3
3-pin headers
L1
1
22µH, 4.7A inductor
Sumida CDRH127/LDNP-220MC
R1
1
97.6kΩ ±1% resistor (0603)
R2
1
4.02kΩ ±1% resistor (0603)
R3, R4
2
10kΩ ±5% resistors (0603)
R5
1
10Ω ±5% resistor (0603)
R6, R7
2
10kΩ ±1% resistors (0603)
R8
1
340Ω ±1% resistor (0603)
R9
1
15.8kΩ ±1% resistor (0603)
R10
1
0Ω ±5% resistor (0603)
R11
1
20kΩ ±1% resistor (0603)
TP1–TP4
4
PC mini red test points
U1
1
PWM step-down regulator (20
TQFN) (5mm x 5mm x 0.8mm)
Maxim MAX15020ATP+
—
3
Shunts (JU1–JU3)
—
1
PCB: MAX15020 EVALUATION
KIT+
SUPPLIER
PHONE
WEBSITE
AVX Corp.
843-448-9411
www.avxcorp.com
Diodes Inc.
805-446-4800
www.diodes.com
Murata Americas
770-436-1300
www.murataamericas.com
SANYO
619-661-6835
www.sanyodevice.com
Sumida Corp.
847-545-6700
www.sumida.com
TDK Corp.
847-803-6100
www.component.tdk.com
Vishay
203-268-6261
www.vishay.com
Component List
Component Suppliers



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com