Electronic Components Datasheet Search
  English  ▼

X  

MAX15003 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX15003
Description  Programmable Switching Frequency Up to 2.2MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15003 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX15003 Datasheet HTML 1Page - Maxim Integrated Products MAX15003 Datasheet HTML 2Page - Maxim Integrated Products MAX15003 Datasheet HTML 3Page - Maxim Integrated Products MAX15003 Datasheet HTML 4Page - Maxim Integrated Products MAX15003 Datasheet HTML 5Page - Maxim Integrated Products MAX15003 Datasheet HTML 6Page - Maxim Integrated Products MAX15003 Datasheet HTML 7Page - Maxim Integrated Products MAX15003 Datasheet HTML 8Page - Maxim Integrated Products MAX15003 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Input Source
The MAX15003 EV kit is configured for normal operation
with an input power source of 6V to 14V. However, the
upper input-voltage limit can be raised to 23V by replac-
ing capacitors C1, C2, C8, and C14 with higher voltage-
rated capacitors. The EV kit circuit requires a minimum
5.5V input to generate the 5V regulation voltage (REG)
used to power the MOSFET gate drivers and provide
the pullup voltage for the SEL and PHASE inputs.
Triple Outputs
The MAX15003 EV kit’s three outputs are configured to
different voltages. VOUT1 is configured to 3.3V, with
resistors R16 and R17, and can supply up to 3A.
VOUT2 is configured to 2.5V, with resistors R4 and R5,
and can supply up to 4A. VOUT3 is configured to 1.2V,
with resistors R28 and R29, and can supply up to 10A.
The output voltage for each output can be reconfigured
between 0.6V and 0.9V x IN by replacing the respective
feedback resistors. Refer to the
Type III: Compensation
when fCO < fZERO, ESR section in the MAX15003 IC
data sheet for instructions on selecting new resistor val-
ues for the respective outputs. Also refer to the
Inductor
Selection, Input Capacitor Selection, and the
Compensation Design Guidelines sections in the IC
data sheet to verify whether other components need
replacement for proper operation after reconfiguring
the output voltage.
Current Limit
The current limit for each MAX15003 EV kit output is set
with resistors. VOUT1 current limit is set to a nominal
4.5A, at room temperature, with resistors R44 and R23.
VOUT2 current limit is set to a nominal 6A, at room tem-
perature, with resistors R42 and R11. VOUT3 current
limit is set to a nominal 15A, at room temperature, with
resistors R43 and R35. To reconfigure the current limits,
refer to the
Setting the Current Limit section in the
MAX15003 IC data sheet to calculate new resistor val-
ues for R44/R23, R42/R11, and R43/R35.
The MAX15003 IC limits the inductor current by sensing
the voltage drop across the respective MOSFET’s
low-side on-resistance (RDS(ON)) at each output. The
equivalent low-side sense resistance for each output
can be changed by cutting open the PCB shorting trace
across R9, R21, and R33 and installing sense resistors.
Alternatively, the low-side MOSFET’s RDS(ON) can be
eliminated from the equivalent low-side sense resis-
tance, at each buck converter, by cutting open the PCB
shorting trace across R19, R7, or R31, and installing a
shorting resistor at R20, R31, or R32, respectively. See
Table 1 for current-limit resistor configuration.
Switching Frequency
The MAX15003 PWM switching frequency is set to
600kHz with resistor R40 (165k
Ω). Replace resistor R40
with a new resistor value to progam the switching
frequency between 200kHz and 2.2MHz. Use the fol-
lowing equation to choose the appropriate resistor
value to reconfigure the switching frequency (fSW):
fSW (Hz) = 1011/(R40 + 1750) (Ω)
The switching frequency can also be synchronized to
an external digital clock signal connected to the EV kit
SYNC PCB pad. For proper synchronization, the exter-
nal signal frequency must be at least 20% higher than
3x the frequency programmed through resistor R40.
The digital clock signal should have peak amplitude of
3V to 5V, offset voltage of 1/2 the amplitude, frequency
in the 600kHz to 6.9MHz range, and a duty cycle of
50%. The MAX15003 IC switching frequency will be 1/3
the SYNC frequency. Refer to the
Inductor Selection,
Input Capacitor Selection, and the Compensation
Design Guidelines sections in the MAX15003 IC data
sheet to verify whether other components need
replacement for proper operation after reconfiguring
the switching frequency.
MAX15003 Evaluation Kit
4
_______________________________________________________________________________________
Table 1. Current-Limit Resistor Configuration
VOUT_ OUTPUT
ILIM_ RESISTORS
OPEN RESISTOR
0
Ω RESISTOR
INDUCTOR CURRENT-SENSING ELEMENTS
R20
R19
N4-A + R21
VOUT1
R44, R23
R19
R20
R21
R8
R7
N1-B + R9
VOUT2
R42, R11
R7
R8
R9
R32
R31
N3 + R33
VOUT3
R43, R35
R31
R32
R33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com