Electronic Components Datasheet Search
  English  ▼

X  

MAX11947 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11947
Description  includes two fully assembled and tested circuit boards
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11947 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11947 Datasheet HTML 1Page - Maxim Integrated Products MAX11947 Datasheet HTML 2Page - Maxim Integrated Products MAX11947 Datasheet HTML 3Page - Maxim Integrated Products MAX11947 Datasheet HTML 4Page - Maxim Integrated Products MAX11947 Datasheet HTML 5Page - Maxim Integrated Products MAX11947 Datasheet HTML 6Page - Maxim Integrated Products MAX11947 Datasheet HTML 7Page - Maxim Integrated Products MAX11947 Datasheet HTML 8Page - Maxim Integrated Products MAX11947 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX11947
MAX11947 Evaluation Kit
5) Map the connections
a. Select one PCB (PCB1 or PCB2) as a tempo-
rary transmitter and one as receiver.
i.
Using the GUI, enable a continuous carrier
on the transmit board by clicking the
TX ON
button.
ii. Select the desired RF output port (P0-P3)
b. Scan the ports on the receiver.
i.
Using the second GUI window, select the
Scan/Status/Messaging tab
ii. Scan settings:
1. Automatic
2. Full Dwell
3. 1X Bit Period
iii. Click the
Start Scan button
c. Note the
AISG Carrier indicator, identifying the
RF port where the carrier was detected.
6) On the receiver PCB GUI
a. Select the
Configuration tab
b. Change the port selection to match the port
where the carrier was detected in step 5c.
7) On the transmitter PCB GUI
a. Disable the output by clicking the
TX ON
(Continuous) button
b. Select the
Scan/Status/Messaging tab
c. Enter a hex string message of several bytes
(user choice how many) with a space between
each byte, i.e. 55 AA 99 33 etc.
d. Click the
Send Message button
8) Back on the receiver PCB GUI
a. Select the
Scan/Status/Messaging tab.
b. Click the
Read Message button
i.
The message typed into the transmitter PCB
GUI should appear in the RX message box.
Figure 3. TX ON Button States, Continuous Carrier Disabled
(left) and Continuous Carrier Enabled (right)
Figure 4. Start Scan Button
Figure 5. Port Scan Indicators–AISG Carrier Detected on Port 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com