Electronic Components Datasheet Search
  English  ▼

X  

QPA1022DEVB Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPA1022DEVB
Description  8.5 ??11 GHz 4 W GaN Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA1022DEVB Datasheet(HTML) 2 Page - Qorvo, Inc

  QPA1022DEVB Datasheet HTML 1Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 2Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 3Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 4Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 5Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 6Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 7Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 8Page - Qorvo, Inc QPA1022DEVB Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
QPA1022D
8.5  – 11 GHz 4 W GaN Power Amplifier
Data Sheet Rev B, Feb 2021 | Subject to change without notice
2 of 17
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Value / Range
Units
Drain Voltage (VD)
28
V
Gate Voltage Range (VG)
-5 to 0
V
Drain Current (ID)
600
mA
Gate Current (IG)
10
mA
Input Power (PIN), 3:1 VSWR, VD=22 V, IDQ=180 mA, 85 °C
27
dBm
Storage Temperature
-55 to +150
°C
Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent damage to the device. Extended
application of Absolute Maximum Rating conditions to the device may reduce device reliability.
Electrical Specifications
Test conditions unless otherwise noted: Temp = 25 °C, VD = 22 V, IDQ = 180 mA. Data de-embedded to the reference planes.
Parameter
Min
Typ
Max
Units
Operational Frequency
8.5
11
GHz
Output Power (Pulse and CW, PIN=12 dBm)
36.5
dBm
Power Added Efficiency (Pulse and CW, PIN= 12 dBm)
45
%
Large Signal Gain (Pulse and CW, PIN=12 dBm)
24.5
dB
Small Signal Gain
31
dB
Input Return Loss
17
dB
Output Return Loss
7
dB
Harmonic Suppression (CW @POUT = 36 dBm, 2f0)
27
dBc
POUT Temp. Coeff. (PIN = 12 dBm)
−0.001
dB/°C
Small Signal Gain Temp. Coefficient
−0.087
dB/°C
Note: For pulse power, Pulse Width = 100 uS, Duty Cycle = 10%
Recommended Operating Conditions
Parameter
Value / Range
Units
Drain Voltage (VD)
22
V
Drain Current (IDQ)
180
mA
Operating Temperature
− 40 to + 85
°C
Electrical specifications are measured at specified test conditions. Specifications are not guaranteed over all recommended operating
conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com