Electronic Components Datasheet Search
  English  ▼

X  

GP565 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # GP565
Description  RF4CE Communications Controller for Remote Control
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

GP565 Datasheet(HTML) 1 Page - Qorvo, Inc

  GP565 Datasheet HTML 1Page - Qorvo, Inc GP565 Datasheet HTML 2Page - Qorvo, Inc GP565 Datasheet HTML 3Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GP565
RF4CE Communications Controller
for Remote Control
Product Brief
GP_P007_PB_06535 V2.00 | Subject to change without notice
1 of 3
www.qorvo.com
®
Product Overview
The GP565 System-on-Chip provides a fully integrated solution for a Remote Control operating
according to a standard or vendor-specific RF4CE profile using ultra low power wireless
communications. It is compliant with the IEEE Standard 802.15.4, providing robust spread
spectrum data communication with a secure encrypted data flow. Its antenna diversity offers
additional robustness in a crowded wireless 2.4 GHz environment.
The GP565 features a radio transceiver, integrated real-time Medium Access Control
processor, integrated microcontroller, RAM and Flash memory, security engine, event
scheduler, and an extensive set of peripherals including a keyboard scanner and an IR signal
generator. The integrated RF filtering simplifies the RF design complexity enabling very low
cost single layer applications using simple PCB antennas requiring no shielding and a
minimum number of external components.
Advanced power management features ensure that power consumption is minimized in active as well as in standby states, enablin g
maintenance free and very small form factor products.
The internal microcontroller of the GP565 can drive the RF remote control interface, including dual mode operation with IR remote
control, and can communicate with external devices via SPI, I2C and UART interfaces.
Chip Overview
2.4 GHz
IEEE 802.15.4
Radio
AES-CCM*
Security Engine
I2C
Master
Keyboard
Scanner
SPI Slave
IR
Generator
Watchdog
32 MHz
LED
Generator
Data
Memory
8 or 16
KB
RAM
Program
Memory
120, 192
or 248 KB
Flash
16/32-bit
MCU
Power Management
G
P
I
O
PWM
Engine
IEEE 802.15.4
Real-Time
MAC
SPI
Master
32 KiHz
(optional)
Timing &
Control
ADC
Ant.2
Ant.1
UART


Similar Part No. - GP565

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
GP565 TRIQUINT-GP565 Datasheet
198Kb / 3P
RF4CE Communications Controller for Remote Control
More results

Similar Description - GP565

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IS1U621 SHARP-IS1U621 Datasheet
46Kb / 5P
Sensors for Remote Control
logo
List of Unclassifed Man...
M7613 ETC1-M7613 Datasheet
68Kb / 7P
DC PIR CONTROLLER WITH REMOTE CONTROL
logo
Unisonic Technologies
UT912D UTC-UT912D Datasheet
296Kb / 7P
DECODERS FOR REMOTE CONTROLLER
UT912E UTC-UT912E Datasheet
152Kb / 8P
ENCODER FOR REMOTE CONTROLLER
UT912E UTC-UT912E_10 Datasheet
190Kb / 8P
ENCODER FOR REMOTE CONTROLLER
RCT2E UTC-RCT2E_15 Datasheet
216Kb / 6P
ENCODER FOR REMOTE CONTROLLER
UT912E UTC-UT912E_15 Datasheet
302Kb / 9P
ENCODER FOR REMOTE CONTROLLER
logo
TriQuint Semiconductor
GP565 TRIQUINT-GP565 Datasheet
198Kb / 3P
RF4CE Communications Controller for Remote Control
logo
Unisonic Technologies
RCR02 UTC-RCR02_18 Datasheet
198Kb / 7P
DECODER FOR REMOTE CONTROLLER
logo
List of Unclassifed Man...
BA8206BA4 ETC2-BA8206BA4 Datasheet
106Kb / 1P
Remote Control Fan Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com