Electronic Components Datasheet Search
  English  ▼

X  

GP490 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # GP490
Description  ZigBee Home Automation Communications Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

GP490 Datasheet(HTML) 1 Page - Qorvo, Inc

  GP490 Datasheet HTML 1Page - Qorvo, Inc GP490 Datasheet HTML 2Page - Qorvo, Inc GP490 Datasheet HTML 3Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GP490
ZigBee Home Automation
Communications Controller
Product Brief
GP_P006_PB_05920 V2.00 | Subject to change without notice
1 of 3
www.qorvo.com
®
Product Overview
The GP490 ZigBee Home Automation Communications Controller is a System-on-Chip that
provides a fully integrated solution for ultra-low power wireless communications for ZigBee
Smart Home end node applications. It is compliant with the IEEE Standard 802.15.4, providing
robust spread spectrum data communication with a secure encrypted data flow.
The GP490 features a radio transceiver, integrated real-time Medium Access Control
processor, integrated microcontroller, security engine, event scheduler, advanced power
management features, memory and an extensive set of peripherals. The integrated RF filtering
simplifies the RF design complexity enabling very low cost single layer applications using
simple PCB antennas requiring no shielding and a minimum number of external components.
Advanced power management features ensure that power consumption is minimized in both
active and standby states.
The GP490 application layer is programmable. It can communicate with external peripherals via UART, SPI, TWI or direct signal
interfaces.
Chip Overview
2.4 GHz
IEEE 802.15.4
Radio
AES-CCM*
Security
Engine
TWI
Master
16 MHz
Data
Memory
(4 KB)
Program
Memory
(64 KB)
MCU
Battery
Monitor
Power Management
G
P
I
O
IEEE 802.15.4
MAC
SPI
Master
Timing &
Control
ADC
Ant.2
Ant.1
UART
Digital
I/O


Similar Part No. - GP490

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
GP490 TRIQUINT-GP490 Datasheet
213Kb / 3P
ZigBee Home Automation Communications Controller
More results

Similar Description - GP490

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5051A PHILIPS-TDA5051A Datasheet
152Kb / 28P
Home automation modem
1999 May 31
logo
STMicroelectronics
ST7537HS1 STMICROELECTRONICS-ST7537HS1 Datasheet
138Kb / 9P
HOME AUTOMATION MODEM
Jun-1995
logo
NXP Semiconductors
1648290 NXP-1648290 Datasheet
265Kb / 29P
Home automation modem
Rev. 5-13 January 2011
logo
TriQuint Semiconductor
GP490 TRIQUINT-GP490 Datasheet
213Kb / 3P
ZigBee Home Automation Communications Controller
GP711 TRIQUINT-GP711 Datasheet
198Kb / 3P
ZigBee Multi-Stack Communications Controller
QPG6095 TRIQUINT-QPG6095 Datasheet
305Kb / 3P
ZigBee/Thread/BLE Smart Home Communications Controller
logo
Qorvo, Inc
GP711 QORVO-GP711 Datasheet
197Kb / 3P
ZigBee Multi-Stack Communications Controller
QPG6100 QORVO-QPG6100 Datasheet
189Kb / 3P
Low Energy Smart Home Communications Controller
QPG6095J QORVO-QPG6095J Datasheet
202Kb / 3P
Bluetooth Low Energy Smart Home Communications Controller
QPG6095 QORVO-QPG6095 Datasheet
197Kb / 3P
Bluetooth Low Energy Smart Home Communications Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com