Electronic Components Datasheet Search
  English  ▼

X  

DWM1000 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # DWM1000
Description  IEEE 802.15.4-2011 UWB Transceiver Module
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

DWM1000 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button DWM1000 Datasheet HTML 9Page - Qorvo, Inc DWM1000 Datasheet HTML 10Page - Qorvo, Inc DWM1000 Datasheet HTML 11Page - Qorvo, Inc DWM1000 Datasheet HTML 12Page - Qorvo, Inc DWM1000 Datasheet HTML 13Page - Qorvo, Inc DWM1000 Datasheet HTML 14Page - Qorvo, Inc DWM1000 Datasheet HTML 15Page - Qorvo, Inc DWM1000 Datasheet HTML 16Page - Qorvo, Inc DWM1000 Datasheet HTML 17Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
DWM1000 Datasheet
© Decawave Ltd 2016
Version 1.8
Page 13
4.4 Receiver Sensitivity Characteristics
Tamb = 25 ˚C, all supplies centred on typical values. 20 byte payload. These sensitivity figures assume an
antenna gain of 0 dBi and should be modified by the antenna characteristics quoted in Table 12 depending on
the orientation of the DWM1000.
Table 8: DWM1000 Typical Receiver Sensitivity Characteristics
Packet
Error
Rate
Data Rate
Receiver
Sensitivity
Units
Condition/Note
1%
110 kbps
-102
dBm/500 MHz
Preamble 2048
Carrier
frequency
offset
±10 ppm
All measurements
performed on
Channel 5, PRF 16
MHz
Channel 2 is
approximately 1
dB less sensitive
850 kbps
-101
dBm/500 MHz
Preamble 1024
6.8 Mbps
-93
dBm/500 MHz
Preamble 256
10%
110 kbps
-106
dBm/500 MHz
Preamble 2048
850 kbps
-102
dBm/500 MHz
Preamble 1024
6.8 Mbps
-94
dBm/500 MHz
Preamble 256
4.5 Reference Clock AC Characteristics
Tamb = 25 ˚C, all supplies centred on typical values
4.5.1 Reference Frequency
Table 9: DWM1000 Reference Clock AC Characteristics
Parameter
Min.
Typ.
Max.
Units
Condition/Note
On-board crystal oscillator reference
frequency
38.4
MHz
On-board crystal trimming range
±25
ppm
Internally trimmed to +/- 2 ppm
under typical conditions.
On-board crystal frequency stability
with temperature
±30*
ppm
ppm
-40⁰C to +85⁰
On-board crystal aging
±3
ppm/3year
@25⁰C ±2⁰C
Low Power RC Oscillator
5
12
15
kHz
*By using the temperature monitoring capability of the DW1000 chip on the DWM1000 module it is possible to dynamically trim
the crystal during run time to maintain the +/- 2ppm specification over the full temperature range of operation.
4.6 Transmitter AC Characteristics
Tamb = 25 ˚C, all supplies centred on typical values
Table 10: DWM1000 Transmitter AC Characteristics
Parameter
Min.
Typ.
Max.
Units
Condition/Note
Frequency range
3244
6999
MHz
Channel Bandwidths
500
MHz
Channel 1, 2, 3 and 5
Output power spectral density
(programmable)
-39
-35
dBm/MHz
See DW1000 Datasheet [2]
Power level range
37
dB
Coarse Power level step
3
dB
Fine Power level step
0.5
dB
Output power variation with
temperature
0.05
dB/OC
Output power variation with voltage
2.73
3.34
dB/V
Channel 2
Channel 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com