Electronic Components Datasheet Search
  English  ▼

X  

CMD283 Datasheet(PDF) 9 Page - Qorvo, Inc

Part # CMD283
Description  2-6 GHz Ultra Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD283 Datasheet(HTML) 9 Page - Qorvo, Inc

Back Button CMD283 Datasheet HTML 2Page - Qorvo, Inc CMD283 Datasheet HTML 3Page - Qorvo, Inc CMD283 Datasheet HTML 4Page - Qorvo, Inc CMD283 Datasheet HTML 5Page - Qorvo, Inc CMD283 Datasheet HTML 6Page - Qorvo, Inc CMD283 Datasheet HTML 7Page - Qorvo, Inc CMD283 Datasheet HTML 8Page - Qorvo, Inc CMD283 Datasheet HTML 9Page - Qorvo, Inc CMD283 Datasheet HTML 10Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Applications Information
CMD283
2-6 GHz Ultra Low Noise Amplifier
ver. 1.0 1218
Assembly Guidelines
Assembly Diagram
The backside of the CMD283 is RF ground. Die attach should be accomplished with electrically and
thermally conductive epoxy only. Eutectic attach is not recommended. Standard assembly procedures
should be followed for high frequency devices. The top surface of the semiconductor should be made
planar to the adjacent RF transmission lines, and the RF decoupling capacitors placed in close proximity
to the DC connections on chip.
RF connections should be made as short as possible to reduce the inductive effect of the bond wire. Use
of a 0.8 mil thermosonic wedge bonding is highly recommended as the loop height will be minimized.
The RF input and output require a double bond wire as shown.
The semiconductor is 100 um thick and should be handled by the sides of the die or with a custom collet.
Do not make contact directly with the die surface as this will damage the monolithic circuitry. Handle
with care.
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions
should be observed during handling, assembly and test.
(example: Presidio part
MVB4080X104ZGK5R3L)
100 pF BYPASS CAP
to Vgg
RF out
RF in
(example: Presidio part
LSA1515B101M2H5R-L)
0.1 uF BYPASS CAP
to Vdd



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com